Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CR1296 Datasheet (PDF) - NXP Semiconductors

CR1296 Datasheet PDF - NXP Semiconductors
Part # CR1296
Download  CR1296 Download
File Size   53.55 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Triple video driver hybrid amplifier

CR1296 Datasheet (PDF)

Go To PDF Page Download Datasheet
CR1296 Datasheet PDF - NXP Semiconductors

Part # CR1296
Download  CR1296 Click to download

File Size   53.55 Kbytes
Page   8 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Triple video driver hybrid amplifier

CR1296 Datasheet (HTML) - NXP Semiconductors


CR1296 Product details

DESCRIPTION
Hybrid amplifier module in cascode configuration comprising three video amplifiers in a SOT454A package.

FEATURES
• Cascode configuration
• Typical voltage gain of 15
• Directly driven by pre-amplifier: no buffer required
• Typical transition times (10 to 90%) with CL = 10 pF at 50 V(p-p swing: tr = 5 ns; tf = 2.5 ns
• Typical small signal bandwidth 140 MHz
• Suited for both AC and DC coupling.

APPLICATIONS
• Cathode-ray tube (CRT) drivers in high-resolution colour monitors.




Similar Part No. - CR1296

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CR12 ETC1-CR12 Datasheet
168Kb / 4P
TAD THICK FILM CHIP RESISTORS
logo
RFE international
CR12 RFE-CR12 Datasheet
63Kb / 1P
FILM RESISTORS CR Series: Carbon Film
CR12 RFE-CR12 Datasheet
15Mb / 3P
FILM RESISTORS
2020.01.29
logo
Central Semiconductor C...
CR12-010 CENTRAL-CR12-010 Datasheet
62Kb / 1P
Rectifiers, General Purpose
CR12-020 CENTRAL-CR12-020 Datasheet
62Kb / 1P
Rectifiers, General Purpose
More results


Similar Description - CR1296

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CR5427 PHILIPS-CR5427 Datasheet
60Kb / 8P
Triple video driver hybrid amplifier
1997 Oct 21
CR5527S PHILIPS-CR5527S Datasheet
51Kb / 12P
Triple video driver hybrid amplifier
1995 Apr 05
CR6627 PHILIPS-CR6627 Datasheet
51Kb / 12P
Triple video driver hybrid amplifier
1995 Apr 04
CR6727A PHILIPS-CR6727A Datasheet
53Kb / 8P
Triple video driver hybrid amplifier
1998 Feb 12
CR6728A PHILIPS-CR6728A Datasheet
62Kb / 8P
Triple video driver hybrid amplifier
1998 Jul 03
CR6927A PHILIPS-CR6927A Datasheet
59Kb / 8P
Triple video driver hybrid amplifier
1998 Feb 12
CR6928 PHILIPS-CR6928 Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Jul 03
CR6928A PHILIPS-CR6928A Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Jul 03
CR6929 PHILIPS-CR6929 Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Sep 21
CR6929A PHILIPS-CR6929A Datasheet
61Kb / 8P
Triple video driver hybrid amplifier
1998 Sep 21
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com