Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD1501L50 Datasheet (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD1501L50 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
Part # TD1501L50
Download  TD1501L50 Download
File Size   1104.5 Kbytes
Page   18 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 3A 150KHz PWM Buck DC/DC Converter

TD1501L50 Datasheet (PDF)

Go To PDF Page Download Datasheet
TD1501L50 Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

Part # TD1501L50
Download  TD1501L50 Click to download

File Size   1104.5 Kbytes
Page   18 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 3A 150KHz PWM Buck DC/DC Converter

TD1501L50 Datasheet (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD1501L50 Product details

General Description
The TD1501 is a series of easy to use fixed and
adjustable step-down (buck) switch-mode voltage
regulators. These devices are available in fixed output
voltage of 3.3V, 5V, and an adjustable output version.
Both versions are capable of driving a 3A load with
excellent line and load regulation.
Requiring a minimum number of external components,
these regulators are simple to use and include internal
frequency compensation, and a fixed-frequency
oscillator.
The output voltage is guaranteed to ±3% tolerance under
specified input voltage and output load conditions. The
oscillator frequency is guaranteed to ±15%. External
shutdown is included, featuring typically 80 μA standby
current. Self protection features include a two stage
frequency reducing current limit for the output switch and
an over temperature shutdown for complete protection
under fault conditions.
The TD1501 is available in TO-220B-5L TO220-5L and
TO-263-5L packages.

Features
3.3V, 5V and adjustable output versions
Output adjustable from 1.23v to 43V
Fixed 150KHz frequency internal oscillator
Guaranteed 3A output load current
Input voltage range up to 45V
Low power standby mode, IQ typically 80 μA
TTL shutdown capability
Excellent line and load regulation
Requires only 4 external components
High efficiency
Thermal shutdown and current limit protection
Available in TO-220B/TO220 and TO-263 packages

Applications
Simple High-efficiency step-down regulator
On-card switching regulators
Positive to negative converter
LCD monitor and LCD TV
DVD recorder and PDP TV
Battery charger
Step-down to 3.3V for microprocessors




Similar Part No. - TD1501L50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TD1507 ETC1-TD1507 Datasheet
381Kb / 11P
2.5A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1507 TECHCODE-TD1507 Datasheet
857Kb / 16P
3A 150KHz PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
TD1507T ETC1-TD1507T Datasheet
381Kb / 11P
2.5A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1507T5 TECHCODE-TD1507T5 Datasheet
857Kb / 16P
3A 150KHz PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
TD1507TR ETC1-TD1507TR Datasheet
381Kb / 11P
2.5A 150KHZ PWM Buck DC/DC Converter
More results


Similar Description - TD1501L50

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3124 FOSLINK-FSP3124 Datasheet
277Kb / 9P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501 DIODES-AP1501_09 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com