Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMP6401 Datasheet (PDF) - VBsemi Electronics Co.,Ltd

SMP6401 Datasheet PDF - VBsemi Electronics Co.,Ltd
Part # SMP6401
Download  SMP6401 Download
File Size   1130.29 Kbytes
Page   10 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 60-V (D-S) MOSFET

SMP6401 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMP6401 Datasheet PDF - VBsemi Electronics Co.,Ltd

Part # SMP6401
Download  SMP6401 Click to download

File Size   1130.29 Kbytes
Page   10 Pages
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd
Description P-Channel 60-V (D-S) MOSFET

SMP6401 Datasheet (HTML) - VBsemi Electronics Co.,Ltd


SMP6401 Product details

FEATURES
• Isolated Package
• High Voltage Isolation = 2.5 kVRMS (t = 60 s;
f = 60 Hz)
• Sink to Lead Creepage Distance = 4.8 mm
• P-Channel
• 175 °C Operating Temperature
• Dynamic dV/dt Rating
• Low Thermal Resistance
• Lead (Pb)-free Available




Similar Part No. - SMP6401

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMP640 SECOS-SMP640 Datasheet
64Kb / 1P
6 A Surface Mount Schottky Elektronische Bauelemente Barrier Rectifiers
More results


Similar Description - SMP6401

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3459DV VISHAY-SI3459DV Datasheet
62Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459DQ VISHAY-SI6459DQ Datasheet
60Kb / 4P
P-Channel 60-V (D-S) MOSFET
29-Nov-99
SI6459BDQ VISHAY-SI6459BDQ Datasheet
78Kb / 5P
P-Channel 60-V (D-S) MOSFET
03-Nov-03
logo
Guangdong Kexin Industr...
KI2309DS KEXIN-KI2309DS Datasheet
50Kb / 2P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_05 Datasheet
202Kb / 4P
P-Channel 60-V (D-S) MOSFET
12-Dec-05
TP0610K VISHAY-TP0610K_06 Datasheet
199Kb / 4P
P-Channel 60-V (D-S) MOSFET
02-Jan-06
logo
Analog Power
AM90P06-08P ANALOGPOWER-AM90P06-08P Datasheet
345Kb / 5P
P-Channel 60-V (D-S) MOSFET
AM7461P ANALOGPOWER-AM7461P Datasheet
182Kb / 3P
P-Channel 60-V (D-S) MOSFET
AM7463P ANALOGPOWER-AM7463P Datasheet
357Kb / 5P
P-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SI7461DP VISHAY-SI7461DP_15 Datasheet
380Kb / 13P
P-Channel 60 V (D-S) MOSFET
19-Jan-15
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com