Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADC34RF55 Datasheet (PDF) - Texas Instruments

ADC34RF55 Datasheet PDF - Texas Instruments
Part # ADC34RF55
Download  ADC34RF55 Download
File Size   4221.14 Kbytes
Page   105 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC34RF55 Quad Channel 14-bit 3-GSPS RF Sampling Data Converter

ADC34RF55 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADC34RF55 Datasheet PDF - Texas Instruments

Part # ADC34RF55
Download  ADC34RF55 Click to download

File Size   4221.14 Kbytes
Page   105 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description ADC34RF55 Quad Channel 14-bit 3-GSPS RF Sampling Data Converter

ADC34RF55 Datasheet (HTML) - Texas Instruments


ADC34RF55 Product details

1 Features
• 14-Bit, quad channel 3-GSPS ADC
• Max output rate: 1.5-GSPS
• Noise spectral density:
– -156 dBFS/Hz without averaging
– -158 dBFS/Hz with 2x averaging
• Single core (non-interleaved) ADC architecture
• Aperture jitter: 50 fs
• Low close-in residual phase noise:
– -127 dBc/Hz at 10 kHz offset
• Spectral performance (fIN = 0.9 GHz, -4 dBFS):
– 2x internal averaging
– SNR: 62.3 dBFS
– SFDR HD2,3: 63 dBc
– SFDR worst spur: 85 dBFS
• Spectral performance (fIN = 1.8 GHz, -4 dBFS):
– 2x internal averaging
– SNR: 63 dBFS
– SFDR HD2,3: 68 dBc
– SFDR worst spur: 86 dBFS
• Input full scale: 1.1, 1.35 Vpp (2, 3.5 dBm)
• Code error rate (CER): 10-15
• Full power input bandwidth (-3 dB): 2.75 GHz
• JESD204B serial data interface
– Maximum lane rate: 13 Gbps
– Supports subclass 1 deterministic latency
• Digital down-converters
– Up to two DDC per ADC channel
– Complex output: 4x to 128x decimation
– 48-bit NCO phase coherent frequency hopping
– Fast frequency hopping: < 1 μs
• Power consumption: 1.2 W/channel
• Power supplies: 1.8 V, 1.2 V

2 Applications
• Phased array radar
• Software defined radio (SDR)
• Spectrum analyzer
• High-speed digitizer
• Cable infrastructure
• Electronic warfare
• Communications infrastructure

3 Description
The ADC34RF55 is a single core 14-bit, 3-GSPS,
quad channel analog to digital converters (ADC) that
support RF sampling with input frequencies up to
3 GHz. The design maximizes signal-to-noise ratio
(SNR), and delivers a noise spectral density of -156
dBFS/Hz. Using additional internal ADCs along with
on-chip signal averaging, the noise density improves
to -158 dBFS/Hz.
Each ADC channel can be connected to a dual-band
digital down-converter (DDC) using a 48-bit NCO
which supports phase coherent frequency hopping.
Using the GPIO pins for NCO frequency control,
frequency hopping can be achieved in less than 1 μs.
The devices supports the JESD204B serial data
interface with subclass 1 deterministic latency using
data rates up to 13Gbps. There are only 2 serdes
lanes per ADC channel. Therefore, in bypass mode,
the maximum output data rate supported is 1.5GSPS.
When using faster ADC sampling rates on chip,
decimation is required.
The power efficient ADC architecture consumes
1.2W/ch and provides power scaling with lower
sampling rates.




Similar Part No. - ADC34RF55

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC34RF52 TI-ADC34RF52 Datasheet
3Mb / 105P
ADC34RF52 Quad Channel 14-bit 1.5-GSPS RF Sampling Data Converter
MARCH 2023
ADC34RF52IRTD TI-ADC34RF52IRTD Datasheet
3Mb / 105P
ADC34RF52 Quad Channel 14-bit 1.5-GSPS RF Sampling Data Converter
MARCH 2023
ADC34RF52IRTDT TI-ADC34RF52IRTDT Datasheet
3Mb / 105P
ADC34RF52 Quad Channel 14-bit 1.5-GSPS RF Sampling Data Converter
MARCH 2023
More results


Similar Description - ADC34RF55

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE7422 TI1-AFE7422 Datasheet
78Kb / 4P
Dual-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444 Datasheet
79Kb / 4P
Quad-Channel, RF-Sampling AFE With 14-Bit, 9-GSPS DACs and 14-Bit, 3-GSPS ADCs
AFE7422 TI1-AFE7422_V01 Datasheet
362Kb / 8P
AFE7422 Dual-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
AFE7444 TI1-AFE7444_V01 Datasheet
363Kb / 8P
AFE7444 Quad-channel, RF-sampling AFE with 14-bit, 9-GSPS DACs and 14-bit, 3-GSPS ADCs
ADC32RF54 TI-ADC32RF54 Datasheet
5Mb / 104P
ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
JUNE 2022
ADC32RF54 TI-ADC32RF54_V01 Datasheet
5Mb / 126P
ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
REVISED DECEMBER 2022
ADC34RF52 TI-ADC34RF52 Datasheet
3Mb / 105P
ADC34RF52 Quad Channel 14-bit 1.5-GSPS RF Sampling Data Converter
MARCH 2023
ADC32RF54 TI1-ADC32RF54_V02 Datasheet
6Mb / 125P
ADC32RF5x Dual Channel 14-bit 2.6 to 3-GSPS RF Sampling Data Converter
REVISED AUGUST 2023
AFE7954 TI1-AFE7954 Datasheet
925Kb / 31P
AFE7954 Quad RF Sampling 12 GSPS Digital-to-Analog Converter (DAC)
JULY 2023
ADC32RF52 TI-ADC32RF52 Datasheet
4Mb / 108P
ADC32RF52 Dual Channel 14-bit 1.5-GSPS RF Sampling Data Converter
SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com