Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA296A Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
INA296A Datasheet PDF - Texas Instruments
Part # INA296A
Download  INA296A Download
File Size   2661.76 Kbytes
Page   43 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier

INA296A Datasheet (PDF)

Go To PDF Page Download Datasheet
INA296A Datasheet PDF - Texas Instruments

Part # INA296A
Download  INA296A Click to download

File Size   2661.76 Kbytes
Page   43 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier

INA296A Datasheet (HTML) - Texas Instruments


INA296A Product details

1 Features
• Wide common-mode voltage:
– Operational voltage: −5 V to +110 V
– Survival voltage: −20 V to +120 V
• Bidirectional operation
• High small signal bandwidth: 1.1 MHz (at all gains)
• Slew rate: 8 V/μs
• Step response settling time to 1%: 1 μs
• Excellent CMRR: 166 dB
• Accuracy:
– Gain error (maximum)
• Version A: ±0.01%, ±1 ppm/°C drift
• Version B: ±0.1%, ±5 ppm/°C drift
– Offset voltage (maximum)
• Version A: ±10 μV, ±0.1 μV/°C drift
• Version B: ±150 μV, ±0.5 μV/°C drift
• Available gains:
– INA296A1, INA296B1 : 10 V/V
– INA296A2, INA296B2 : 20 V/V
– INA296A3, INA296B3 : 50 V/V
– INA296A4, INA296B4 : 100 V/V
– INA296A5, INA296B5 : 200 V/V
• Package options: SOT23-8, VSSOP-8, SOIC-8,
VSSOP-10

2 Applications
• 48-V DC/DC Converter
• 48-V battery management systems (BMS)
• Test & Measurement
• Macro remote radio unit (RRU)
• 48-V rack server
• 48-V merchant network & server power supply
(PSU)

3 Description
The INA296x is an ultra-precise, bidirectional current
sense amplifier than can measure voltage drops
across shunt resistors over a wide common-mode
range from –5 V to 110 V, independent of the supply
voltage. The high-precision current measurement
is achieved through a combination of low offset
voltage (±10 μV, maximum), small gain error (±0.01%,
maximum) and a high DC CMRR (typical 166 dB).
The INA296x is not only designed for high voltage,
bidirectional DC current measurements, but also for
high-speed applications (such as transient detection
and fast overcurrent protection) with a high signal
bandwidth of 1.1 MHz and fast settling time.
The INA296x operates from a single 2.7 V to 20 V
supply, drawing 2.5 mA of supply current. The
INA296x is available in five gain options: 10 V/V,
20 V/V, 50 V/V, 100 V/V, and 200 V/V. Multiple
gain options allow for optimization between available
shunt resistor values and wide output dynamic range
requirements.
The INA296x is specified over operating temperature
range of −40°C to +125°C.




Similar Part No. - INA296A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA296A TI-INA296A Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA296A TI-INA296A Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A TI-INA296A Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
More results


Similar Description - INA296A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA290 TI-INA290_V01 Datasheet
1Mb / 27P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA290 TI-INA290_V02 Datasheet
1Mb / 32P
INAx290 2.7-V to 120-V, 1.1-MHz, Ultra-Precise Current Sense Amplifier
INA296A TI-INA296A Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A_V01 Datasheet
1Mb / 27P
INA296x ??-V to 110-V, Bidirectional, 1-MHz, 5-V/關s, Ultra-Precise Current Sense Amplifier
MARCH 2022
INA296A TI-INA296A_V02 Datasheet
2Mb / 33P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2022
INA296A-Q1 TI-INA296A-Q1 Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A-Q1 TI-INA296A-Q1_V01 Datasheet
2Mb / 37P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A-Q1 TI-INA296A-Q1_V02 Datasheet
2Mb / 38P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
FEBRUARY 2023
INA296A TI1-INA296A_V03 Datasheet
2Mb / 38P
INA296x –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED JULY 2023
INA296A-Q1 TI-INA296A-Q1_V03 Datasheet
2Mb / 39P
INA296x-Q1 AEC-Q100, –5 V to 110 V, Bidirectional, 1.1 MHz, 8 V/μs, Ultra-Precise Current Sense Amplifier
REVISED AUGUST 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com