Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2901 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
LM2901 Datasheet PDF - Texas Instruments
Part # LM2901
Download  LM2901 Download
File Size   2260.99 Kbytes
Page   51 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators

LM2901 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM2901 Datasheet PDF - Texas Instruments

Part # LM2901
Download  LM2901 Click to download

File Size   2260.99 Kbytes
Page   51 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators

LM2901 Datasheet (HTML) - Texas Instruments


LM2901 Product details

1 Features
• NEW LM339B and LM2901B
• Improved specifications of B-version
– Maximum rating: up to 38 V
– ESD rating (HBM): 2k V
– Low input offset: 0.37 mV
– Low input bias current: 3.5 nA
– Low supply-current: 200 μA per comparator
– Faster response time of 1 μsec
– Extended temperature range for LM339B
• B-version is drop-in replacement for LM239,
LM339 and LM2901, A and V versions
• Common-mode input voltage range includes
ground
• Differential input voltage range equal to maximumrated
supply voltage: ±38 V
• Low output saturation voltage
• Output compatible with TTL, MOS, and CMOS
• For single version, see the TL331B
• For dual version, see the LM393B or LM2903B

2 Applications
• Vacuum robot
• Single phase UPS
• Server PSU
• Cordless power tool
• Wireless infrastructure
• Applicances
• Building automation
• Factory automation & control
• Motor drives
• Infotainment & cluster

3 Description
The LM339B and LM2901B devices are the
next generation versions of the industry-standard
LM339 and LM2901 comparator family. These next
generation B-version comparators feature lower offset
voltage, higher supply voltage capability, lower supply
current, lower input bias current, lower propagation
delay, and improved 2 kV ESD performance and
input ruggedness through dedicated ESD clamps.
The LM339B and LM2901B can drop-in replace the
LM239, LM339 and LM2901, for both "A" and "V"
grades.
All devices consist of four independent voltage
comparators that are designed to operate from a
single power supply over a wide range of voltages.




Similar Part No. - LM2901

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2901 NSC-LM2901 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
logo
NXP Semiconductors
LM2901 PHILIPS-LM2901 Datasheet
75Kb / 10P
Quad voltage comparator
1995 Nov 27
logo
STMicroelectronics
LM2901 STMICROELECTRONICS-LM2901 Datasheet
540Kb / 12P
LOW POWER QUAD VOLTAGE COMPARATORS
Rev 2
logo
Fairchild Semiconductor
LM2901 FAIRCHILD-LM2901 Datasheet
86Kb / 8P
Quad Comparator
logo
Intersil Corporation
LM2901 INTERSIL-LM2901 Datasheet
64Kb / 6P
Quad Voltage Comparators for Industrial, Commercial and Military Applications
October 1999
More results


Similar Description - LM2901

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM139 TI-LM139_06 Datasheet
587Kb / 23P
QUAD DIFFERENTIAL COMPARATORS
LM139-N TI1-LM139-N Datasheet
500Kb / 21P
LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM139A TI1-LM139A Datasheet
1Mb / 33P
QUAD DIFFERENTIAL COMPARATORS
LM139-N TI1-LM139-N_14 Datasheet
1Mb / 31P
LM139/LM239/LM339/LM2901/LM3302 Low Power Low Offset Voltage Quad Comparators
LM139 TI1-LM139_14 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
OPA843IDBVRG4 TI1-OPA843IDBVRG4 Datasheet
1Mb / 34P
QUAD DIFFERENTIAL COMPARATORS
LM139-MIL TI1-LM139-MIL Datasheet
478Kb / 19P
Quad Differential Comparators
LM139 TI-LM139_V01 Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139 TI-LM139_V02 Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
LM139 TI1-LM139_V03 Datasheet
1Mb / 48P
LM339B, LM2901B, LM339, LM239, LM139, LM2901 Quad Differential Comparators
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com