Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPLP2985-28DBVR Datasheet (PDF) - TECH PUBLIC Electronics co LTD

TPLP2985-28DBVR Datasheet PDF - TECH PUBLIC Electronics co LTD
Part # TPLP2985-28DBVR
Download  TPLP2985-28DBVR Download
File Size   2106.18 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 20V,150mA,2uA, Higt PSRR Voltage Reaulator

TPLP2985-28DBVR Datasheet (PDF)

Go To PDF Page Download Datasheet
TPLP2985-28DBVR Datasheet PDF - TECH PUBLIC Electronics co LTD

Part # TPLP2985-28DBVR
Download  TPLP2985-28DBVR Click to download

File Size   2106.18 Kbytes
Page   6 Pages
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD
Description 20V,150mA,2uA, Higt PSRR Voltage Reaulator

TPLP2985-28DBVR Datasheet (HTML) - TECH PUBLIC Electronics co LTD


TPLP2985-28DBVR Product details

Features
2uA Ground Current at no Load
+2% Output Accuracy
150mA Output Current
Wide Operating Input Voltage Range: 2V to
20V
Dropout Voltage: 0.18V at 50mA (Vour=5V)
Support Fixed Output Voltage
1.8V,2.5v,2.8V,3.0V, 3.3V,5.0V
Stable with Ceramic or Tantalum Capacitor
Current Limit Protection
Over-Temperature Protection
SOT-23-5 Package Available




Similar Part No. - TPLP2985-28DBVR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPLP2985-28DBVR TECHPUBLIC-TPLP2985-28DBVR Datasheet
2Mb / 6P
20V ,150mA,2uA, Higt PSRR Voltage Reaulator|
TPLP2985-28DBVR TECHPUBLIC-TPLP2985-28DBVR Datasheet
2Mb / 6P
20V ,150mA,2uA, Higt PSRR Voltage Reaulator
TPLP2985-28DBVR TECHPUBLIC-TPLP2985-28DBVR Datasheet
2Mb / 6P
20V ,150mA,2uA, Higt PSRR Voltage Reaulator
More results


Similar Description - TPLP2985-28DBVR

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
TPLP2985-33DBVR TECHPUBLIC-TPLP2985-33DBVR Datasheet
2Mb / 6P
20V,150mA,2uA, Higt PSRR Voltage Reaulator
TPLP2985-50DBVR TECHPUBLIC-TPLP2985-50DBVR Datasheet
2Mb / 6P
20V,150mA,2uA, Higt PSRR Voltage Reaulator
TPMIC5205-3.3YM5 TECHPUBLIC-TPMIC5205-3.3YM5 Datasheet
3Mb / 6P
20V,150mA,2uA, Higt PSRR Voltage Reaulator
TPMIC5205-5.0YM5 TECHPUBLIC-TPMIC5205-5.0YM5 Datasheet
3Mb / 6P
20V,150mA,2uA, Higt PSRR Voltage Reaulator
TPSPX5205M5-L-3-3 TECHPUBLIC-TPSPX5205M5-L-3-3 Datasheet
3Mb / 6P
20V,150mA,2uA, Higt PSRR Voltage Reaulator
TPSPX5205M5-L-5-0 TECHPUBLIC-TPSPX5205M5-L-5-0 Datasheet
3Mb / 6P
20V,150mA,2uA, Higt PSRR Voltage Reaulator
TPLP2985-18DBVR TECHPUBLIC-TPLP2985-18DBVR Datasheet
2Mb / 6P
20V ,150mA,2uA, Higt PSRR Voltage Reaulator
TPLP2985-25DBVR TECHPUBLIC-TPLP2985-25DBVR Datasheet
2Mb / 6P
20V ,150mA,2uA, Higt PSRR Voltage Reaulator
TPMIC5205-2.5YM5 TECHPUBLIC-TPMIC5205-2.5YM5 Datasheet
2Mb / 6P
20V ,150mA,2uA, Higt PSRR Voltage Reaulator
TPMIC5205-3.6YM5 TECHPUBLIC-TPMIC5205-3.6YM5 Datasheet
2Mb / 6P
20V ,150mA,2uA, Higt PSRR Voltage Reaulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com