Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD0402-120E101 Datasheet (PDF) - UN Semiconducctor INC

ESD0402-120E101 Datasheet PDF - UN Semiconducctor INC
Part # ESD0402-120E101
Download  ESD0402-120E101 Download
File Size   2673.91 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description MULTILAYER CHIP VARISTORS

ESD0402-120E101 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD0402-120E101 Datasheet PDF - UN Semiconducctor INC

Part # ESD0402-120E101
Download  ESD0402-120E101 Click to download

File Size   2673.91 Kbytes
Page   6 Pages
Manufacturer  UNSEMI [UN Semiconducctor INC]
Direct Link  http://www.unsemi.com.tw
Logo UNSEMI - UN Semiconducctor INC
Description MULTILAYER CHIP VARISTORS

ESD0402-120E101 Datasheet (HTML) - UN Semiconducctor INC


ESD0402-120E101 Product details

Feature
Series size from 0402 to 0603
Working Voltage from 2V to 24Vdc
Fast response time (<0.5ns)
Low leakage current
High surge current ability
Bidirectional clamping, high energy
Wide Operating temperature range from -55℃-125℃
Suitable for ESD protection
Good slderability




Similar Part No. - ESD0402-120E101

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
ESD040205P015 YINT-ESD040205P015 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
ESD040208P030 YINT-ESD040208P030 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
ESD040212P060 YINT-ESD040212P060 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
ESD040215P080 YINT-ESD040215P080 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
ESD040218P080 YINT-ESD040218P080 Datasheet
502Kb / 4P
Ultra Low Capacitance ESD Protection
More results


Similar Description - ESD0402-120E101

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
MVR0402-140E2R5 LEIDITECH-MVR0402-140E2R5 Datasheet
238Kb / 6P
MULTILAYER CHIP VARISTORS
logo
UN Semiconducctor INC
ESD0402M-0603M UNSEMI-ESD0402M-0603M Datasheet
2Mb / 6P
MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN3220-XXXH UNSEMI-UN3220-XXXH Datasheet
4Mb / 7P
MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0201-0603 UNSEMI-UN0201-0603 Datasheet
2Mb / 6P
MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0402E-0603E UNSEMI-UN0402E-0603E Datasheet
2Mb / 6P
MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0603-XXXH UNSEMI-UN0603-XXXH Datasheet
2Mb / 7P
MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN0805-XXXH UNSEMI-UN0805-XXXH Datasheet
2Mb / 7P
MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1206-XXXH UNSEMI-UN1206-XXXH Datasheet
2Mb / 7P
MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN1812-XXXH UNSEMI-UN1812-XXXH Datasheet
2Mb / 7P
MULTILAYER CHIP VARISTORS
Revision March 1,2022
UN2220-XXXH UNSEMI-UN2220-XXXH Datasheet
3Mb / 7P
MULTILAYER CHIP VARISTORS
Revision March 1,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com