Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ324 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AZ324 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AZ324
Download  AZ324 Download
File Size   57.17 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description LOW POWER QUAD OPERATIONAL AMPLIFIERS

AZ324 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ324 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AZ324
Download  AZ324 Click to download

File Size   57.17 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description LOW POWER QUAD OPERATIONAL AMPLIFIERS

AZ324 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AZ324 Product details

Description
The AZ324 consists of four independent, high gain and internally frequency compensated operational amplifiers. It is specifically designed to operate from a single power supply. Operation from split power supply is also possible and the low power supply current drain is independent of the magnitude of the power supply voltages.

Features
 • Internally Frequency Compensated for Unity Gain
 • Large Voltage Gain: 100dB (Typical)
 • Low Input Bias Current: 20nA (Typical)
 • Low Input Offset Voltage: 2mV (Typical)
 • Low Supply Current: 0.7mA (Typical)
 • Wide Power Supply Voltage Range:
    Single Supply: 3V to 18V
    Dual Supplies: ±1.5V to ±9V
 • Input Common Mode Voltage Range Includes Ground
 • Large Output Voltage Swing: 0V to VCC-1.5V
 • Power Drain Suitable for Battery Operation

Applications
 • Battery Charger
 • Cordless Telephone
 • Switching Power Supply

Benefits
 • Easier to use
 • Meet most application requirements of the industrial standard 324
 • Very competitive price




Similar Part No. - AZ324

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ324 ETC1-AZ324 Datasheet
285Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ324 BCDSEMI-AZ324 Datasheet
269Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
AZ324M ETC1-AZ324M Datasheet
285Kb / 11P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
BCD Semiconductor Manuf...
AZ324M BCDSEMI-AZ324M Datasheet
269Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
AZ324M-E1 BCDSEMI-AZ324M-E1 Datasheet
269Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Similar Description - AZ324

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Jun-1999
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Mar-2001
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
Aug-1998
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
Low Power Quad Operational Amplifiers
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
Low Power Quad Operational Amplifiers
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
Low-power quad operational amplifiers
31-Aug-2022
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
Low power quad operational amplifiers
ver.09
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com