Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ339 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AZ339 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AZ339
Download  AZ339 Download
File Size   65.57 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS

AZ339 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ339 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AZ339
Download  AZ339 Click to download

File Size   65.57 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS

AZ339 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AZ339 Product details

General Description

The AZ339 series consists of four independent precision voltage comparators with an offset voltage specification as low as 2mV. The input common mode voltage range of these comparators includes ground, even when operated from a single power supply voltage. Operation from split power supplies is also possible and the low power supply current drain is independent of the magnitude of the power supply voltage.



Features

· Wide Supply Voltage Range

- Single Supply: 2.0V to 18V

- Dual Supplies: ±1.0V to ± 9V

· Very Low Supply Current Drain: 0.8mA

- Independent of Supply Voltage

· Low Input Bias Current: 25nA (Typical)

· Low Input Offset Current: ±5nA (Typical)

· Low Input Offset Voltage: ±2mV (Typical)

· Input Common Mode Voltage Range Includes

Ground

· Differential Input Voltage Range Equals to the

Power Supply Voltage

· Low Output Saturation Voltage: 250mV at 4mA

· Open Collector Output



Applications

· Battery Charger

· Cordless Telephone

· Switching Power Supply

· DC-DC Module

· PC Motherboard

· Communication Equipment




Similar Part No. - AZ339

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AZ339M ETC1-AZ339M Datasheet
246Kb / 9P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
BCD Semiconductor Manuf...
AZ339M BCDSEMI-AZ339M Datasheet
173Kb / 10P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AZ339M-E1 BCDSEMI-AZ339M-E1 Datasheet
173Kb / 10P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
AZ339MTR BCDSEMI-AZ339MTR Datasheet
173Kb / 10P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
More results


Similar Description - AZ339

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM139 NSC-LM139 Datasheet
465Kb / 19P
Low Power Low Offset Voltage Quad Comparators
LM139JAN NSC-LM139JAN Datasheet
770Kb / 20P
Low Power Low Offset Voltage Quad Comparators
logo
List of Unclassifed Man...
AZ339 ETC1-AZ339 Datasheet
246Kb / 9P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
National Semiconductor ...
LM2901EP NSC-LM2901EP Datasheet
750Kb / 17P
Low Power Low Offset Voltage Quad Comparators
logo
Tiger Electronic Co.,Lt...
LM339D TGS-LM339D Datasheet
2Mb / 4P
Low Power Low Offset Voltage Quad Comparators
LM2901D TGS-LM2901D Datasheet
249Kb / 4P
Low Power Low Offset Voltage Quad Comparators
logo
Leshan Radio Company
LR339 LRC-LR339 Datasheet
134Kb / 6P
Low Power Low Offset Voltage Quad Comparators
logo
BCD Semiconductor Manuf...
AS339,339A BCDSEMI-AS339,339A Datasheet
729Kb / 11P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Texas Instruments
LM139AQML TI1-LM139AQML_16 Datasheet
1Mb / 29P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
logo
Diodes Incorporated
AS339 DIODES-AS339 Datasheet
432Kb / 12P
LOW POWER LOW OFFSET VOLTAGE QUAD COMPARATORS
Rev 3
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com