Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH278 Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AH278 Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AH278
Download  AH278 Download
File Size   59.01 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description HIGH VOLTAGE HALL EFFECT LATCH

AH278 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH278 Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AH278
Download  AH278 Click to download

File Size   59.01 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description HIGH VOLTAGE HALL EFFECT LATCH

AH278 Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AH278 Product details

General Description
The AH278 is an integrated Hall sensor with output driver designed for electronic commutation of brushless DC motor applications. The device includes an onchip Hall sensor for magnetic sensing, an amplifier that amplifies the Hall voltage, a Schmitt trigger to provide switching hysteresis for noise rejection and two complementary open-collector drivers for sinking large load current. It also includes an internal band-gap regulator which is used to provide bias voltage for internal circuits and allows a wide operating supply voltage ranges.
   
Features
• On-Chip Hall Sensor
• 4V to 30V Supply Voltage
• 500mA (avg) Output Sink Current
• Build in Protection Diode for Reverse Power
    Connecting
• -20°C to 85°C Operating Temperature
• Low Profile TO-94 (SIP-4L) Package
• Build in Over Temperature Protection Function
• ESD Rating: 300V(Machine Model)
   
Applications
• 12V/24V Dual-Coil Brushless DC Motor/Fan
• Power Supply and Switchboard
• Communications Facilities
• Industrial Equipment
   




Similar Part No. - AH278

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AH278 BCDSEMI-AH278 Datasheet
183Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH278 DIODES-AH278 Datasheet
863Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
Rev erse
logo
BCD Semiconductor Manuf...
AH278Z4-AE1 BCDSEMI-AH278Z4-AE1 Datasheet
183Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH278Z4-AE1 DIODES-AH278Z4-AE1 Datasheet
863Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
Rev erse
AH278Z4-AG1 DIODES-AH278Z4-AG1 Datasheet
863Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
Rev erse
More results


Similar Description - AH278

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH266 ANACHIP-AH266 Datasheet
165Kb / 6P
High Voltage Hall Effect Latch
Rev. 0.1 Mar 25, 2004
logo
BCD Semiconductor Manuf...
AH266 BCDSEMI-AH266 Datasheet
58Kb / 2P
HIGH VOLTAGE HALL EFFECT LATCH
AH278 BCDSEMI-AH278_07 Datasheet
183Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
AH266 BCDSEMI-AH266_07 Datasheet
189Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266 Datasheet
195Kb / 8P
HIGH VOLTAGE HALL EFFECT LATCH
Rev erse
logo
Unisonic Technologies
UH266 UTC-UH266 Datasheet
177Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH278 DIODES-AH278 Datasheet
863Kb / 11P
HIGH VOLTAGE HALL EFFECT LATCH
Rev erse
logo
Unisonic Technologies
UH266 UTC-UH266_15 Datasheet
183Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
UH266 UTC-UH266_16 Datasheet
145Kb / 5P
HIGH VOLTAGE HALL EFFECT LATCH
logo
Diodes Incorporated
AH266 DIODES-AH266_13 Datasheet
215Kb / 7P
HIGH VOLTAGE HALL EFFECT LATCH
Rev olution
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com