Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AZ494B Datasheet (PDF) - BCD Semiconductor Manufacturing Limited

AZ494B Datasheet PDF - BCD Semiconductor Manufacturing Limited
Part # AZ494B
Download  AZ494B Download
File Size   52.08 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description PULSE-WIDTH-MODULATION CONTROL CIRCUITS

AZ494B Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ494B Datasheet PDF - BCD Semiconductor Manufacturing Limited

Part # AZ494B
Download  AZ494B Click to download

File Size   52.08 Kbytes
Page   2 Pages
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited
Description PULSE-WIDTH-MODULATION CONTROL CIRCUITS

AZ494B Datasheet (HTML) - BCD Semiconductor Manufacturing Limited


AZ494B Product details

General Description
The AZ494B/D is a voltage mode pulse width modulation switching regulator control circuit designed primarily for power supply control.
The AZ494B/D consists of a reference voltage circuit, two error amplifiers, an on-chip adjustable oscillator, a dead-time control (DTC) comparator, a pulse-steering control flip-flop, and an output control circuit. The AZ494B/D is capable for push-pull or single-ended output operation, which can be selected through the output control.
AZ494B has 4.95V and AZ494D has 5V reference voltage respectively. The precision of voltage reference (VREF) is improved up to ± 1.5% through trimming and this provides a better output voltage regulation.
The AZ494B/D is available in standard packages of DIP-16 and SOIC-16.

Features
• Stable 4.95V for AZ494B or 5V for AZ494D Reference Voltage Trimmed to ±1.5% Accuracy
• Uncommitted Output TR for 200mA Sink or Source Current
• Single-End or Push-Pull Operation Selected by Output Control
• Internal Circuitry Prohibits Double Pulse at Either Output
• Complete PWM Control Circuit with Variable Duty Cycle
• On-Chip Oscillator with Master or Slave Operation

Applications
• SMPS
• Back Light Inverter
• Charger




Similar Part No. - AZ494B

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AZ494B BCDSEMI-AZ494B Datasheet
168Kb / 12P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494BM BCDSEMI-AZ494BM Datasheet
168Kb / 12P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494BM-E1 BCDSEMI-AZ494BM-E1 Datasheet
168Kb / 12P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494BMTR BCDSEMI-AZ494BMTR Datasheet
168Kb / 12P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494BMTR-E1 BCDSEMI-AZ494BMTR-E1 Datasheet
168Kb / 12P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results


Similar Description - AZ494B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL5001 TI-TL5001 Datasheet
348Kb / 23P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL594I TI-TL594I Datasheet
504Kb / 9P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A BCDSEMI-AZ494A Datasheet
52Kb / 2P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_07 Datasheet
590Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
TL5001 TI-TL5001_08 Datasheet
704Kb / 32P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ7500E BCDSEMI-AZ7500E Datasheet
327Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Texas Instruments
TL494 TI-TL494_10 Datasheet
616Kb / 19P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
BCD Semiconductor Manuf...
AZ494A,C BCDSEMI-AZ494A,C_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500B BCDSEMI-AZ7500B_10 Datasheet
799Kb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ7500E BCDSEMI-AZ7500E_09 Datasheet
1Mb / 13P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com