Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MM1566 Datasheet (PDF) - Mitsumi Electronics, Corp.

MM1566 Datasheet PDF - Mitsumi Electronics, Corp.
Part # MM1566
Download  MM1566 Download
File Size   124.7 Kbytes
Page   15 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description Video Signal Driver for DVD Players Monolithic IC

MM1566 Datasheet (PDF)

Go To PDF Page Download Datasheet
MM1566 Datasheet PDF - Mitsumi Electronics, Corp.

Part # MM1566
Download  MM1566 Click to download

File Size   124.7 Kbytes
Page   15 Pages
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.
Description Video Signal Driver for DVD Players Monolithic IC

MM1566 Datasheet (HTML) - Mitsumi Electronics, Corp.


MM1566 Product details

Outline
This IC is a video signal driver IC that supports 3-ch interlace video developed for DVD players. It includes a low-pass filter that attenuates the noise element during DA conversion, and a 3-channel 6dB amp with 75Ω driver.
In addition, external ESD protection diodes can be reduced by a sag correction pin for reducing output coupling capacitance, and enhancement ot the ESD protection elements for the output pins.

Features
1. Includes a SAG correction pin.
2. Enabled to drive a 3-channel 6dB amp with 75Ω driver
3. Includes a 4th-order low-pass filter
   Frequency response: 6.75MHz ± 1dB / 27MHz – 27dB min.
4. Includes a 6dB amp
5. Includes a power save function
6. S/N=80dB typ. (Y/C mix:74dB typ.)
7. ESD strengh (aerial discharge) of ±15kV (IEC standard)
8. Includes mode select pins which correspond to various video signals

Applications
(1) DVD players
(2) Digital STB
(3) Other digital video equipment




Similar Part No. - MM1566

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1561J MITSUMI-MM1561J Datasheet
180Kb / 9P
500mA Regulator
MM1561K MITSUMI-MM1561K Datasheet
180Kb / 9P
500mA Regulator
MM1562A MITSUMI-MM1562A Datasheet
180Kb / 9P
500mA Regulator
MM1562B MITSUMI-MM1562B Datasheet
180Kb / 9P
500mA Regulator
MM1562C MITSUMI-MM1562C Datasheet
180Kb / 9P
500mA Regulator
More results


Similar Description - MM1566

ManufacturerPart #DatasheetDescription
logo
Rohm
BA5815FM ROHM-BA5815FM Datasheet
228Kb / 2P
5-channel driver for CD/DVD players
BH7862FS ROHM-BH7862FS Datasheet
145Kb / 9P
High-performance 6-channel video driver IC for progressive DVD
logo
Mitsumi Electronics, Co...
MM1623XFBE MITSUMI-MM1623XFBE Datasheet
145Kb / 12P
Video Signal Driver for DVD Player MM1623XFBE
logo
Rohm
BA5956FM ROHM-BA5956FM Datasheet
335Kb / 7P
Power Driver For DVD Players
BD8201FM ROHM-BD8201FM Datasheet
512Kb / 6P
Power Driver For CD/DVD Players
logo
Sanyo Semicon Device
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
Monolithic Linear IC Analog Signal Processor for CD Players
logo
Mitsumi Electronics, Co...
MM1567 MITSUMI-MM1567 Datasheet
132Kb / 13P
Video Signal Driver for DVD Players Monolithic IC
logo
Sanyo Semicon Device
LA7138M SANYO-LA7138M Datasheet
325Kb / 13P
Monolithic Linear IC For the DVD Player Analog Video Signal I/F Driver
logo
Rohm
BA5956FM ROHM-BA5956FM_1 Datasheet
147Kb / 6P
Power Driver For DVD Players
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
For DVD Player Video Signal Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com