Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FM1236 Datasheet (PDF) - NXP Semiconductors

FM1236 Datasheet PDF - NXP Semiconductors
Part # FM1236
Download  FM1236 Download
File Size   144.57 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Desktop video & FM radio module system M, N

FM1236 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM1236 Datasheet PDF - NXP Semiconductors

Part # FM1236
Download  FM1236 Click to download

File Size   144.57 Kbytes
Page   20 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Desktop video & FM radio module system M, N

FM1236 Datasheet (HTML) - NXP Semiconductors


FM1236 Product details

DESCRIPTION
The FM1236 front-end is designed to receive both TV and FM stereo signals in the PC Multimedia environment. The units are available with separate 75 Ω inputs for TV and FM broadcast reception. The input connectors available are either standard phono or F type. The tuning, bandswitching and antenna selection are made through the I2C bus.

FEATURES
• System M and N, and FM radio broadcast
• True 5 V device (low power dissipation)
• Full frequency range from channel 2 (55.25 MHz) to channel 69 (801.25 MHz)
• FM band coverage from 76.0 MHz to 108.0 MHz
• PLL controlled tuning
• Programmable PLL step size (31.25, 50 or 62.5 kHz)
• True-synchronous vision IF demodulator (PLL)
• Ultra linear FM PLL demodulator for FM broadcast
• Demodulated video output, AF sound output, second sound IF output
• I2C-bus control of tuning, address selection, AFC status information
• Complies with FCC, DOC and JIS regulations on radiation
• Small horizontally mounted metal housing.




Similar Part No. - FM1236

ManufacturerPart #DatasheetDescription
logo
Electronic Components L...
FM12300 CLIFF-FM12300 Datasheet
611Kb / 2P
CLIFFCON-P IP65
FM12301 CLIFF-FM12301 Datasheet
611Kb / 2P
CLIFFCON-P IP65
FM12315 CLIFF-FM12315 Datasheet
611Kb / 2P
CLIFFCON-P IP65
FM12316 CLIFF-FM12316 Datasheet
611Kb / 2P
CLIFFCON-P IP65
FM12320 CLIFF-FM12320 Datasheet
611Kb / 2P
CLIFFCON-P IP65
More results


Similar Description - FM1236

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FM1246 PHILIPS-FM1246 Datasheet
177Kb / 24P
Desktop video & FM radio module system CCIR I
1997 May 14
logo
Rohm
BA1442A ROHM-BA1442A Datasheet
371Kb / 17P
AM radio / FM IF stereo system IC
BA1448S ROHM-BA1448S Datasheet
183Kb / 9P
AM radio / FM IF stereo system IC
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
FM IF System for Car Radio
logo
List of Unclassifed Man...
ULN2204A ETC1-ULN2204A Datasheet
641Kb / 8P
AM/FM RADIO SYSTEM
logo
Hitachi Semiconductor
HA11251 HITACHI-HA11251 Datasheet
80Kb / 2P
FM/AM Radio Receiver System
logo
Silan Microelectronics ...
SA1021 SILAN-SA1021 Datasheet
186Kb / 6P
FM RADIO RECEIVER FOR PORTABLE SYSTEM
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
FM IF SYSTEM FOR CAR RADIO
logo
STMicroelectronics
TCA3189 STMICROELECTRONICS-TCA3189 Datasheet
165Kb / 4P
FM-IF HIGH QUALITY RADIO SYSTEM
Jun-1988
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
FM IF SYSTEM FOR CAR RADIO
2004.12.15
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com