Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FTF3020-M Datasheet (PDF) - NXP Semiconductors

FTF3020-M Datasheet PDF - NXP Semiconductors
Part # FTF3020-M
Download  FTF3020-M Download
File Size   224.21 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Full Frame CCD Image Sensor

FTF3020-M Datasheet (PDF)

Go To PDF Page Download Datasheet
FTF3020-M Datasheet PDF - NXP Semiconductors

Part # FTF3020-M
Download  FTF3020-M Click to download

File Size   224.21 Kbytes
Page   16 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Full Frame CCD Image Sensor

FTF3020-M Datasheet (HTML) - NXP Semiconductors


FTF3020-M Product details

Description
The FTF3020-M is a full frame CCD monochrome image sensor designed for professional digital photography applications, with very low dark current and a linear dynamic range of over 12 true bits at room temperature. The four low-noise output amplifiers, one at each corner of the chip, make the FTF3020-M suitable for a wide range of high-end visual light applications. With one output amplifier, a progressively scanned image can be read out at 5 frames per second. By using multiple outputs the frame rate increases accordingly. The device structure is shown in figure 1.

• 35mm film compatible image format (36 x 24 mm2)
• 6M active pixels (3072H x 2048V)
• Progressive scan
• Excellent anti-blooming
• Variable electronic shuttering
• Square pixel structure
• H and V binning
• 100% optical fill factor
• High linear dynamic range (>72dB)
• High sensitivity
• Low dark current and fixed-pattern noise
• Low read-out noise
• Data rate up to 36 MHz
• Mirrored, split and four quadrant read-out
• Perfectly matched to visual spectrum




Similar Part No. - FTF3020-M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
FTF3020-C PHILIPS-FTF3020-C Datasheet
212Kb / 16P
Full Frame CCD Image Sensor
1999 November 22
FTF3020-C/EG PHILIPS-FTF3020-C/EG Datasheet
212Kb / 16P
Full Frame CCD Image Sensor
1999 November 22
FTF3020-C/HG PHILIPS-FTF3020-C/HG Datasheet
212Kb / 16P
Full Frame CCD Image Sensor
1999 November 22
FTF3020-C/IG PHILIPS-FTF3020-C/IG Datasheet
212Kb / 16P
Full Frame CCD Image Sensor
1999 November 22
FTF3020-C/TG PHILIPS-FTF3020-C/TG Datasheet
212Kb / 16P
Full Frame CCD Image Sensor
1999 November 22
More results


Similar Description - FTF3020-M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
KAF-1001 ONSEMI-KAF-1001 Datasheet
1Mb / 23P
FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 REV 1.1
KAF-4301 ONSEMI-KAF-4301 Datasheet
1Mb / 25P
FULL FRAME CCD IMAGE SENSOR
JUNE 18, 2014 Rev 2.1
KAF-8300 ONSEMI-KAF-8300 Datasheet
404Kb / 28P
Full Frame CCD Image Sensor
April, 2015 ??Rev. 2
KAF-16803 ONSEMI-KAF-16803 Datasheet
1Mb / 31P
FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-0402 ONSEMI-KAF-0402 Datasheet
191Kb / 16P
FULL FRAME CCD IMAGE SENSOR
April, 2015 ??Rev. 2
KAF-31600 ONSEMI-KAF-31600 Datasheet
1Mb / 30P
FULL FRAME CCD IMAGE SENSOR
REVISION 1.1
KAF-1603 ONSEMI-KAF-1603_17 Datasheet
475Kb / 15P
Full Frame CCD Image Sensor
February, 2017 ??Rev. 2
KAF-8300 ONSEMI-KAF-8300_17 Datasheet
460Kb / 28P
Full Frame CCD Image Sensor
October, 2017 ??Rev. 3
KAF-16200 ONSEMI-KAF-16200_17 Datasheet
375Kb / 22P
Full Frame CCD Image Sensor
January, 2017 ??Rev. 2
KAF-16801 ONSEMI-KAF-16801_17 Datasheet
837Kb / 16P
Full Frame CCD Image Sensor
October, 2017 ??Rev. 4
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com