Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8500 Datasheet (PDF) - Analog Devices

AD8500 Datasheet PDF - Analog Devices
Part # AD8500
Download  AD8500 Download
File Size   210.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Micropower Single-Supply Operational Amplifiers

AD8500 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8500 Datasheet PDF - Analog Devices

Part # AD8500
Download  AD8500 Click to download

File Size   210.78 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Precision Micropower Single-Supply Operational Amplifiers

AD8500 Datasheet (HTML) - Analog Devices


AD8500 Product details

FEATURES
Low Offset Voltage: 100 V Max
Low Input Bias Current: 10 nA Max
Single-Supply Operation: V to 30 V
Dual-Supply Operation:  V to 15 V
Low Supply Current: 300 A/Amp Max
Unity Gain Stable
No Phase Reversal
3.0
1.5

APPLICATIONS
Current Sensing (Shunt)
Line or Battery-Powered Instrumentation
Remote Sensors
Precision Filters
OP727 SOIC Pin-Compatible with LT1013

GENERAL DESCRIPTION
The OP777 , OP727 , and OP747 are precision single , dual,
and quad rail-to-rail output single- supply amplifiers featuring
micropower operation and rail-to-rail output ranges. These
amplifier s provide improved performance over the industry -standard
OP07 with ±15 V supplies , and offer the further advantage of true
single -supply operation down to V , and smaller package
options than any other high-voltage precision bipolar amplifier.
Outputs are stable with capacitive loads of over 500 pF. Supply
current is less than 300 μA per amplifier at 5 V. 500 Ω series resistors
protect the inputs, allowing input signal levels several volts above
the positive supply without phase reversal.
Applications for these amplifiers include both line-powered and
portable instrumentation, remote sensor signal conditioning, and
precision filters.
The OP777, OP727, and OP747 are specified over the extended
industrial (–40°C to +85°C) temperature range. The OP777,
single, is available in 8-lead MSOP and 8-lead SOIC packages.
The OP747, quad, is available in 14-lead TSSOP and narrow
14-lead SO packages. Surface-mount devices in TSSOP and MSOP
packages are available in tape and reel only.
The OP727, dual, is available in 8-lead TSSOP and 8-lead
SOIC packages. The OP727 8-lead SOIC pin configuration
differs from the standard 8-lead operational amplifier pinout.
3.0




Similar Part No. - AD8500

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8500 AD-AD8500 Datasheet
630Kb / 12P
Micropower Precision CMOS Operational Amplifier
8/06-Rev. 0 to Rev. A
AD8500 AD-AD8500 Datasheet
696Kb / 24P
22 關A, RRIO, CMOS, 18 V
REV. B
AD8500 AD-AD8500 Datasheet
223Kb / 5P
Devices Connected
Rev. 0
AD8500 AD-AD8500 Datasheet
709Kb / 24P
22 μA, RRIO, CMOS, 18 V Operational Amplifier
Rev. C
AD8500 AD-AD8500 Datasheet
456Kb / 12P
Micropower Precision CMOS Operational Amplifier
Rev. B
More results


Similar Description - AD8500

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA241 BURR-BROWN-OPA241 Datasheet
268Kb / 10P
Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727 Datasheet
194Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
OP727ARUZ AD-OP727ARUZ Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP727ARZ AD-OP727ARZ Datasheet
177Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. C
OP747ARZ AD-OP747ARZ Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
logo
Texas Instruments
OPA2241PAG4 TI-OPA2241PAG4 Datasheet
985Kb / 21P
Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
logo
Analog Devices
OP727 AD-OP727_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP747 AD-OP747_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
OP777 AD-OP777_15 Datasheet
211Kb / 16P
Precision Micropower Single-Supply Operational Amplifiers
REV. D
logo
Texas Instruments
OPA244 TI1-OPA244 Datasheet
1Mb / 26P
MicroPower, Single-Supply OPERATIONAL AMPLIFIERS
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com