Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM7X256 Datasheet (PDF) - ATMEL Corporation

SAM7X256 Datasheet PDF - ATMEL Corporation
Part # SAM7X256
Download  SAM7X256 Download
File Size   3552.33 Kbytes
Page   662 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description ARM-based Flash MCU

SAM7X256 Datasheet (PDF)

Go To PDF Page Download Datasheet
SAM7X256 Datasheet PDF - ATMEL Corporation

Part # SAM7X256
Download  SAM7X256 Click to download

File Size   3552.33 Kbytes
Page   662 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description ARM-based Flash MCU

SAM7X256 Datasheet (HTML) - ATMEL Corporation


SAM7X256 Product details

Features
 Incorporates the ARM7TDMI ARM Thumb® Processor
 High-performance 32-bit RISC Architecture
 High-density 16-bit Instruction Set
 Leader in MIPS/Watt
 EmbeddedICE™ In-circuit Emulation, Debug Communication Channel Support
 Internal High-speed Flash
 512 Kbytes (SAM7X512) Organized in Two Banks of 1024 Pages of
256 Bytes (Dual Plane)
 256 Kbytes (SAM7X256) Organized in 1024 Pages of 256 Bytes (Single Plane)
 128 Kbytes (SAM7X128) Organized in 512 Pages of 256 Bytes (Single Plane)
 Single Cycle Access at Up to 30 MHz in Worst Case Conditions
 Prefetch Buffer Optimizing Thumb Instruction Execution at Maximum Speed
 Page Programming Time: 6 ms, Including Page Auto-erase,
Full Erase Time: 15 ms
 10,000 Write Cycles, 10-year Data Retention Capability,
Sector Lock Capabilities, Flash Security Bit
 Fast Flash Programming Interface for High Volume Production
 Internal High-speed SRAM, Single-cycle Access at Maximum Speed
 128 Kbytes (SAM7X512)
 64 Kbytes (SAM7X256)
 32 Kbytes (SAM7X128)
 Memory Controller (MC)
 Embedded Flash Controller, Abort Status and Misalignment Detection
 Reset Controller (RSTC)
 Based on Power-on Reset Cells and Low-power Factory-calibrated Brownout Detector
 Provides External Reset Signal Shaping and Reset Source Status
 Clock Generator (CKGR)
 Low-power RC Oscillator, 3 to 20 MHz On-chip Oscillator and one PLL
 Power Management Controller (PMC)
 Power Optimization Capabilities, Including Slow Clock Mode (Down to 500 Hz) and Idle Mode
 Four Programmable External Clock Signals
 Advanced Interrupt Controller (AIC)
 Individually Maskable, Eight-level Priority, Vectored Interrupt Sources
 Two External Interrupt Sources and One Fast Interrupt Source, Spurious Interrupt Protected
 Debug Unit (DBGU)
 2-wire UART and Support for Debug Communication Channel interrupt, Programmable ICE Access Prevention
 Mode for General Purpose 2-wire UART Serial Communication
 Periodic Interval Timer (PIT)
 20-bit Programmable Counter plus 12-bit Interval Counter
 Windowed Watchdog (WDT)
 12-bit key-protected Programmable Counter
 Provides Reset or Interrupt Signals to the System
 Counter May Be Stopped While the Processor is in Debug State or in Idle Mode
 Real-time Timer (RTT)
 32-bit Free-running Counter with Alarm
 Runs Off the Internal RC Oscillator
 Two Parallel Input/Output Controllers (PIO)
 Sixty-two Programmable I/O Lines Multiplexed with up to Two Peripheral I/Os
 Input Change Interrupt Capability on Each I/O Line
Individually Programmable Open-drain, Pull-up Resistor and Synchronous Output
 Thirteen Peripheral DMA Controller (PDC) Channels
 One USB 2.0 Full Speed (12 Mbits per second) Device Port
 On-chip Transceiver, 1352-byte Configurable Integrated FIFOs
 One Ethernet MAC 10/100 base-T
 Media Independent Interface (MII) or Reduced Media Independent Interface (RMII)
 Integrated 28-byte FIFOs and Dedicated DMA Channels for Transmit and Receive
 One Part 2.0A and Part 2.0B Compliant CAN Controller
 Eight Fully-programmable Message Object Mailboxes, 16-bit Time Stamp Counter
 One Synchronous Serial Controller (SSC)
 Independent Clock and Frame Sync Signals for Each Receiver and Transmitter
 I²S Analog Interface Support, Time Division Multiplex Support
 High-speed Continuous Data Stream Capabilities with 32-bit Data Transfer
 Two Universal Synchronous/Asynchronous Receiver Transmitters (USART)
 Individual Baud Rate Generator, IrDA® Infrared Modulation/Demodulation
 Support for ISO7816 T0/T1 Smart Card, Hardware Handshaking, RS485 Support
 Full Modem Line Support on USART1
 Two Master/Slave Serial Peripheral Interfaces (SPI)
 8- to 16-bit Programmable Data Length, Four External Peripheral Chip Selects
 One Three-channel 16-bit Timer/Counter (TC)
 Three External Clock Inputs, Two Multi-purpose I/O Pins per Channel
 Double PWM Generation, Capture/Waveform Mode, Up/Down Capability
 One Four-channel 16-bit Power Width Modulation Controller (PWMC)
 One Two-wire Interface (TWI)
 Master Mode Support Only, All Two-wire Atmel EEPROMs and I2C Compatible Devices Supported
 One 8-channel 10-bit Analog-to-Digital Converter, Four Channels Multiplexed with Digital I/Os
 SAM-BA® Boot Assistance
 Default Boot program
 Interface with SAM-BA Graphic User Interface
 IEEE® 1149.1 JTAG Boundary Scan on All Digital Pins
 5V-tolerant I/Os, Including Four High-current Drive I/O lines, Up to 16 mA Each
 Power Supplies
 Embedded 1.8V Regulator, Drawing up to 100 mA for the Core and External Components
 3.3V VDDIO I/O Lines Power Supply, Independent 3.3V VDDFLASH Flash Power Supply
 1.8V VDDCORE Core Power Supply with Brownout Detector
 Fully Static Operation: Up to 55 MHz at 1.65V and 85°C Worst Case Conditions
 Available in 100-lead LQFP Green and 100-ball TFBGA Green Packages




Similar Part No. - SAM7X256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
More results


Similar Description - SAM7X256

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT91SAM ATMEL-AT91SAM Datasheet
638Kb / 67P
ARM-based Flash MCU
AT91SAM ATMEL-AT91SAM_13 Datasheet
4Mb / 775P
ARM-based Flash MCU
AT91SAM7S128C-AU-999 ATMEL-AT91SAM7S128C-AU-999 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM4S ATMEL-SAM4S_14 Datasheet
6Mb / 1231P
ARM-based Flash MCU
SAM4N ATMEL-SAM4N_14 Datasheet
13Mb / 795P
ARM-based Flash MCU
SAM7X512 ATMEL-SAM7X512_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7X128 ATMEL-SAM7X128_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7X256 ATMEL-SAM7X256_14 Datasheet
2Mb / 662P
ARM-based Flash MCU
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM7S321 ATMEL-SAM7S321_14 Datasheet
4Mb / 775P
ARM-based Flash MCU
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com