Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ES277 Datasheet (PDF) - Cyrustek corporation

ES277 Datasheet PDF - Cyrustek corporation
Part # ES277
Download  ES277 Download
File Size   463.69 Kbytes
Page   25 Pages
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation
Description 4000 Counts DMM

ES277 Datasheet (PDF)

Go To PDF Page Download Datasheet
ES277 Datasheet PDF - Cyrustek corporation

Part # ES277
Download  ES277 Click to download

File Size   463.69 Kbytes
Page   25 Pages
Manufacturer  CYRUSTEK [Cyrustek corporation]
Direct Link  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation
Description 4000 Counts DMM

ES277 Datasheet (HTML) - Cyrustek corporation


ES277 Product details

Features
 4,000 counts LCD display
 LQFP 100L package
 3V DC power supply
 Fast ADC Conversion rate : 4 times/s for V/R modes
 Full automatic measurement
* Voltage measurement : 400.0mV, 4.000V – 1000V
* Current measurement : μA/mA/A
* Resistance measurement : 400.0Ω – 40.00MΩ
* Capacitance measurement: 4.000nF – 40.00mF
* Not contact AC electric field detection
* Frequency counter : 400.0Hz – 40.00MHz
 Diode measurement & continuity check
 Hazardous AC/DC voltage (HV) indication
(Taiwan patent no.: 517823)
 4 ADP modes with external reference voltage and one
user-defined segment on LCD
 Temperature mode with internal scale translation
circuit from 0C to 0F
 K-type thermocouple reference table compensation
(-200 ~ 1350oC range)
 Push functions :
* MAX/MIN
* KEY function (Switch AC/DC, oC/oF)
* Data Hold & Backlight function
* Range change function
 Band-gap reference voltage output
 Current mode overflow selection (10A/20A or
1000A/2000A)




Similar Part No. - ES277

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
ES27484T22F21S AMPHENOL-ES27484T22F21S Datasheet
1Mb / 57P
Amphenol JT/LJT Subminiature Cylindrical Connectors
logo
Cyrustek corporation
ES278 CYRUSTEK-ES278 Datasheet
637Kb / 25P
4000 Counts Manual DMM
More results


Similar Description - ES277

ManufacturerPart #DatasheetDescription
logo
Cyrustek corporation
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
11,000 Counts Auto DMM
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
3000 Counts Smart DMM
ES51932 CYRUSTEK-ES51932 Datasheet
471Kb / 35P
22,000 Counts Auto DMM
ES233 CYRUSTEK-ES233 Datasheet
850Kb / 37P
4000 Counts DMM
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
4000 Counts DMM / Peak
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
4000 Counts DMM / Inrush
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
6000 Counts DMM
ES278 CYRUSTEK-ES278 Datasheet
637Kb / 25P
4000 Counts Manual DMM
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
2000 Counts DMM
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
2000 Counts DMM
More results




About Cyrustek corporation


Cyrustek Corporation is a semiconductor company based in Taiwan. The company specializes in the design and manufacture of analog and mixed-signal integrated circuits (ICs) for a wide range of applications, including automotive electronics, industrial automation, medical equipment, and consumer electronics.

Some of Cyrustek's products include analog-to-digital converters (ADCs), digital-to-analog converters (DACs), voltage regulators, operational amplifiers (op-amps), and sensor interface ICs. The company also offers custom IC design services to meet specific customer requirements.

Cyrustek was founded in 1992 and has since become a leading supplier of analog and mixed-signal ICs to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com