Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7486N Datasheet (PDF) - Eaton All Rights Reserved.

7486N Datasheet PDF - Eaton All Rights Reserved.
Part # 7486N
Download  7486N Download
File Size   46.17 Kbytes
Page   3 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Eaton safety grip locking flanged inlet, #16-12 AWG, 15A, Industrial, 125/250V, Back wiring, Black, Midget, ML3, Three-pole, Three-wire, Nylon

7486N Datasheet (PDF)

Go To PDF Page Download Datasheet
7486N Datasheet PDF - Eaton All Rights Reserved.

Part # 7486N
Download  7486N Click to download

File Size   46.17 Kbytes
Page   3 Pages
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.
Description Eaton safety grip locking flanged inlet, #16-12 AWG, 15A, Industrial, 125/250V, Back wiring, Black, Midget, ML3, Three-pole, Three-wire, Nylon

7486N Datasheet (HTML) - Eaton All Rights Reserved.


7486N Product details

Special features
Midget locking




Similar Part No. - 7486N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
7486 FAIRCHILD-7486 Datasheet
34Kb / 3P
Quad 2-Input Exclusive-OR Gate
logo
Bi technologies
7486 BITECH-7486 Datasheet
78Kb / 5P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
7486 BITECH-7486 Datasheet
293Kb / 4P
7/8 Diameter 5-Turn Wirewound Precision Potentiometer
logo
3M Electronics
7486 3M-7486 Datasheet
28Kb / 1P
Abrasives, Scotch-Brite Handpads
logo
List of Unclassifed Man...
74860 ETC2-74860 Datasheet
470Kb / 2P
Wiha Quality Tools Toll Free: (800) 494-6104
More results


Similar Description - 7486N

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130149-0006 MOLEX11-130149-0006 Datasheet
52Kb / 1P
Safeway Flanged Inlet, 3 Pole/3 Wire, Non-NEMA 15A/125V, 10A/250V
130149-0029 MOLEX11-130149-0029 Datasheet
41Kb / 1P
Safeway Flanged Inlet with Locking Blade, 3 Pole/4 Wire, NEMA L14-20, 250V
130149-0049 MOLEX11-130149-0049 Datasheet
42Kb / 1P
Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L6-30, 250V
130149-0051 MOLEX11-130149-0051 Datasheet
41Kb / 1P
Safeway Flanged Inlet with Locking Blade, 3 Pole/4 Wire, NEMA L14-30, 250V
1301490006 MOLEX11-1301490006 Datasheet
44Kb / 1P
Safeway Flanged Inlet, 3 Pole/3 Wire, Non-NEMA 15A/125V, 10A/250V
1301490029 MOLEX11-1301490029 Datasheet
33Kb / 1P
Safeway Flanged Inlet with Locking Blade, 3 Pole/4 Wire, NEMA L14-20, 250V
1301490049 MOLEX11-1301490049 Datasheet
34Kb / 1P
Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L6-30, 250V
1301490051 MOLEX11-1301490051 Datasheet
33Kb / 1P
Safeway Flanged Inlet with Locking Blade, 3 Pole/4 Wire, NEMA L14-30, 250V
logo
List of Unclassifed Man...
CS6375 ETC-CS6375 Datasheet
104Kb / 1P
Flanged inlet, locking
Rev: 00 December, 1998
logo
Eaton All Rights Reserv...
7427N EATON-7427N Datasheet
56Kb / 3P
Eaton safety grip locking connector, #16-12 AWG, 15A, Industrial, 125V, Side wiring, Black, Auto grip, ML1, Two-pole, Two-wire, Nylon
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com