Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4052B Datasheet (PDF) - Harris Corporation

CD4052B Datasheet PDF - Harris Corporation
Part # CD4052B
Download  CD4052B Download
File Size   146.48 Kbytes
Page   15 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion

CD4052B Datasheet (PDF)

Go To PDF Page Download Datasheet
CD4052B Datasheet PDF - Harris Corporation

Part # CD4052B
Download  CD4052B Click to download

File Size   146.48 Kbytes
Page   15 Pages
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation
Description CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion

CD4052B Datasheet (HTML) - Harris Corporation


CD4052B Product details

The CD4051B, CD4052B, and CD4053B analog multiplexers are digitally-controlled analog switches having low ON impedance and very low OFF leakage current. Control of analog signals up to 20VP-P can be achieved by digital signal amplitudes of 4.5V to 20V (if VDD-VSS = 3V, a VDD-VEE of up to 13V can be controlled; for VDD-VDD level differences above 13V, a VDD-VDD of at least 4.5V is required). For example, if VDD = +4.5V, VDD = 0V, and VDD = -13.5V, analog signals from -13.5V to +4.5V can be controlled by digital inputs of 0V to 5V. These multiplexer circuits dissipate extremely low quiescent power over the full VDD-VDD and VDD-VDD supply-voltage ranges, independent of the logic state of the control signals. When a logic “1” is present at the inhibit input terminal, all channels are off.



Features

• Wide Range of Digital and Analog Signal Levels

   - Digital . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3V to 20V

   - Analog. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ≤20VP-P

• Low ON Resistance, 125Ω (Typ) Over 15VP-P Signal Input Range for VDD-VEE = 18V

• High OFF Resistance, Channel Leakage of ±100pA (Typ) at VDD-VEE = 18V

• Logic-Level Conversion for Digital Addressing Signals of 3V to 20V (VDD-VSS = 3V to 20V) to Switch Analog Signals to 20VP-P (VDD-VEE = 20V)

• Matched Switch Characteristics, rON = 5Ω (Typ) for VDD-VEE = 15V

• Very Low Quiescent Power Dissipation Under All Digital Control Input and Supply Conditions, 0.2µW (Typ) at VDD-VSS = VDD-VEE = 10V

• Binary Address Decoding on Chip

• 5V, 10V and 15V Parametric Ratings

• 10% Tested for Quiescent Current at 20V

• Maximum Input Current of 1µA at 18V Over Full Package Temperature Range, 100nA at 18V and 25°C

• Break-Before-Make Switching Eliminates Channel Overlap



Applications

• Analog and Digital Multiplexing and Demultiplexing

• A/D and D/A Conversion

• Signal Gating



 




Similar Part No. - CD4052B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4052B TI-CD4052B Datasheet
430Kb / 20P
CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4052B TI-CD4052B Datasheet
683Kb / 25P
CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD4052B TI-CD4052B Datasheet
1Mb / 28P
Data sheet acquired from Harris Semiconductor
CD4052B TI1-CD4052B Datasheet
1Mb / 38P
CMOS Single 8-Channel Analog Multiplexer/Demultiplexer
CD4052B TI-CD4052B Datasheet
1Mb / 48P
CD405xB CMOS Single 8-Channel Analog Multiplexer or Demultiplexer With Logic-Level Conversion
REVISED MARCH 2023
More results


Similar Description - CD4052B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4051B TI-CD4051B Datasheet
430Kb / 20P
CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD54HC4051 TI-CD54HC4051 Datasheet
466Kb / 27P
High Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD4051B-Q1 TI-CD4051B-Q1 Datasheet
396Kb / 18P
CMOS ALALOG MULTIPLEXERS/DEMULTIPLEXERS WITH LOGIC-LEVEL CONVERSION
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD4051B TI-CD4051B_10 Datasheet
683Kb / 25P
CMOS Analog Multiplexers/Demultiplexers with Logic Level Conversion
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results




About Harris Corporation


Harris Corporation was a Florida-based technology company that specialized in communications and information technology. The company was founded in 1895 and went through several iterations over the years, including mergers and acquisitions.

In 2019, Harris Corporation merged with L3 Technologies to form L3Harris Technologies, which is now one of the largest defense companies in the world. The company provides a wide range of products and services in the areas of aerospace, defense, communications, and intelligence.

Some of Harris Corporation's previous areas of focus included tactical radios, satellite communications systems, air traffic control systems, and cybersecurity solutions. The company's customers included the U.S. military, government agencies, and commercial organizations around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com