Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

56960 Datasheet (PDF) - Murrelektronik GmbH

56960 Datasheet PDF - Murrelektronik GmbH
Part # 56960
Download  56960 Download
File Size   167.94 Kbytes
Page   2 Pages
Manufacturer  MURR [Murrelektronik GmbH]
Direct Link  https://www.murrelektronik.com/
Logo MURR - Murrelektronik GmbH
Description MPR67 REPEATER PROFIBUS DP 2 SEGMENTS

56960 Datasheet (PDF)

Go To PDF Page Download Datasheet
56960 Datasheet PDF - Murrelektronik GmbH

Part # 56960
Download  56960 Click to download

File Size   167.94 Kbytes
Page   2 Pages
Manufacturer  MURR [Murrelektronik GmbH]
Direct Link  https://www.murrelektronik.com/
Logo MURR - Murrelektronik GmbH
Description MPR67 REPEATER PROFIBUS DP 2 SEGMENTS

56960 Datasheet (HTML) - Murrelektronik GmbH


56960 Product details

Genera l da ta
Pro tectio n IP67
Mo unting metho d 2-ho le screw mo unting
T emp erature rang e 0...+55 °C (sto rag e temp erature -20...+75 °C)
Dimensio ns H × W × D 151×30×34.5 mm




Similar Part No. - 56960

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
5696 NXP-5696 Datasheet
303Kb / 9P
THYRATRON:INERT GAS FILLED TETRODE WITH NEGATIVE CONTROL CHARACTERISTIC FOR INDUSTRIAL APPLICATIONS
2.2.1959
logo
Alpha Wire
5696 ALPHAWIRE-5696 Datasheet
411Kb / 4P
26 (7/34) AWG Tinned Copper
logo
Vishay Telefunken
569624 TFUNK-569624 Datasheet
384Kb / 6P
Silicon NPN Epitaxial Planar RF Transistors Applications: Video-B-class power stages in TV-receivers
More results


Similar Description - 56960

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VW3A3607 ETC2-VW3A3607 Datasheet
97Kb / 1P
Profibus DP communication card
logo
PHOENIX CONTACT
FB-DP-RPTR PHOENIX-FB-DP-RPTR Datasheet
53Kb / 3P
PROFIBUS DP interface/repeater module
2316374 PHOENIX-2316374 Datasheet
52Kb / 2P
PROFIBUS DP interface/repeater module with oscilloscope functionality
2316373 PHOENIX-2316373 Datasheet
53Kb / 3P
Repeater - FB-DP-RPTR
logo
Pepperl+Fuchs Inc.
FB8206H0630 PF-FB8206H0630 Datasheet
544Kb / 3P
EasyCom Com Unit for PROFIBUS DP/DP-V1
LB8106H0630 PF-LB8106H0630 Datasheet
603Kb / 4P
EasyCom Com Unit for PROFIBUS DP/DP-V1
2020-04-30
LB8109H0908 PF-LB8109H0908 Datasheet
583Kb / 4P
Unicom Com Unit for PROFIBUS DP/DP-V1
2020-05-06
logo
Schneider Electric
TSXPBSCA100 SCHNEIDER-TSXPBSCA100 Datasheet
93Kb / 2P
Profibus DP connecting cable - for profibus DP connector - 100 m
May 10, 2022
TSXPBSCA400 SCHNEIDER-TSXPBSCA400 Datasheet
93Kb / 2P
Profibus DP connecting cable - for profibus DP connector - 400 m
May 10, 2022
logo
Lapp.
10390400 LAPP-10390400 Datasheet
124Kb / 2P
EPIC® MCS 2 SS / MCS 2 BS PROFIBUS DP
17.09.2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com