Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TD1410CPR Datasheet (PDF) - TECHCODE SEMICONDUCTOR, INC.

TD1410CPR Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.
Part # TD1410CPR
Download  TD1410CPR Download
File Size   336.32 Kbytes
Page   13 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 1.8A 380KHZ 20V PWM Buck DC/DC Converter

TD1410CPR Datasheet (PDF)

Go To PDF Page Download Datasheet
TD1410CPR Datasheet PDF - TECHCODE SEMICONDUCTOR, INC.

Part # TD1410CPR
Download  TD1410CPR Click to download

File Size   336.32 Kbytes
Page   13 Pages
Manufacturer  TECHCODE [TECHCODE SEMICONDUCTOR, INC.]
Direct Link  http://www.techcodesemi.com/
Logo TECHCODE - TECHCODE SEMICONDUCTOR, INC.
Description 1.8A 380KHZ 20V PWM Buck DC/DC Converter

TD1410CPR Datasheet (HTML) - TECHCODE SEMICONDUCTOR, INC.


TD1410CPR Product details

General Description
The TD1410C is a 380 KHz fixed frequency
monolithic step down switch mode regulator
with a built in internal Power MOSFET. It
achieves 1.8A continuous output current over
a wide input supply range with excellent load
and line regulation.
The device includes a voltage reference,
oscillation circuit, error amplifier, internal
PMOS and etc.
The PWM control circuit is able to adjust the
duty ratio linearly from 0 to 100%. An enable
function, an over current protection function
and a short circuit protection function are
built inside. An internal compensation block
is built in to minimize external component
count.
The TD1410C serves as ideal power supply
units for portable devices.

Features
1.8A Constant Output Current
140mΩ RDSON Internal Power PMOSFET
Switch
Up to 95% Efficiency
Fixed 380KHz Frequency
Wide 3V to 20 V Input Voltage Range
Output Adjustable from 1.222V to 15V
Built in Frequency Compensation
Built in Thermal Shutdown Function
Built in Current Limit Function
SOP-8 Package is Available
The minimum dropout up to 0.3V

Applications
Portable DVD
LCD Monitor / TV
Battery Charger
ADSL Modem
Telecom / Networking Equipment




Similar Part No. - TD1410CPR

ManufacturerPart #DatasheetDescription
logo
TECHCODE SEMICONDUCTOR,...
TD1410 TECHCODE-TD1410 Datasheet
635Kb / 15P
2A 380KHz 20V PWM Buck DC/DC Converter
More results


Similar Description - TD1410CPR

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1682 YOBON-YB1682 Datasheet
212Kb / 9P
2A 380KHz 20V PWM Buck DC/DC Converter
YB1685 YOBON-YB1685 Datasheet
226Kb / 9P
2A 380KHz 32V PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1410 TECHCODE-TD1410 Datasheet
635Kb / 15P
2A 380KHz 20V PWM Buck DC/DC Converter
TD1534 TECHCODE-TD1534 Datasheet
710Kb / 16P
2A 380KHz 20V PWM Buck DC/DC Converter
TD1591 TECHCODE-TD1591 Datasheet
635Kb / 16P
2A 380KHz 32V PWM Buck DC/DC Converter
TD3112 TECHCODE-TD3112 Datasheet
637Kb / 16P
2.2A 380KHz 32V PWM Buck DC/DC Converter
logo
First Silicon Co., Ltd
FAC1410 FS-FAC1410 Datasheet
313Kb / 10P
2A 380KHZ 20V PWM Buck DC/DC Converter
FAC1534 FS-FAC1534 Datasheet
863Kb / 15P
2A 380KHz 20V PWM Buck DC/DC Converte
FAC1513 FS-FAC1513 Datasheet
984Kb / 15P
2A 380KHz 20V PWM Buck DC/DC Converte
logo
TECHCODE SEMICONDUCTOR,...
TD1583 TECHCODE-TD1583 Datasheet
655Kb / 16P
3A 380KHz 28V PWM Buck DC/DC Converter
December, 23, 2009.
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com