Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BQ79612PAPRQ1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
BQ79612PAPRQ1 Datasheet PDF - Texas Instruments
Part # BQ79612PAPRQ1
Download  BQ79612PAPRQ1 Download
File Size   5373.55 Kbytes
Page   223 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description BQ79616-Q1, BQ79616H-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector

BQ79612PAPRQ1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ79612PAPRQ1 Datasheet PDF - Texas Instruments

Part # BQ79612PAPRQ1
Download  BQ79612PAPRQ1 Click to download

File Size   5373.55 Kbytes
Page   223 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description BQ79616-Q1, BQ79616H-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector

BQ79612PAPRQ1 Datasheet (HTML) - Texas Instruments


BQ79612PAPRQ1 Product details

1 Features
• Qualified for automotive applications
• AEC-Q100 Qualified with the following results:
– Device temperature grade 1: –40°C to +125°C
ambient operating temperature range
– Device HBM ESD classification level 2
– Device CDM ESD classification level C4B
• Functional Safety-Compliant
– Developed for functional safety applications
– Documentation to aid ISO 26262 system design
– Systematic capability up to ASIL D
– Hardware capability up to ASIL D
• +/- 1.5mV ADC accuracy
• Pin-package and software compatible device
family:
– Stackable monitor 16S (BQ79616-Q1,
BQ79616H-Q1, BQ79656-Q1), 14S (BQ79614-
Q1, BQ79654-Q1), and 12S (BQ79612-Q1,
BQ79652-Q1)
– Standalone monitor 48 V system (BQ75614-
Q1)
• Built-in redundancy path for voltage and
temperature diagnostics
• Highly accurate cell voltage measurements within
128 μs for all cell channels
• Integrated post-ADC configurable digital low-pass
filters
• Supports bus bar connection and measurement
• Built-in host-controlled hardware reset to emulate
POR-like device reset
• Supports internal cell balancing
– Balancing current at 240 mA
– Built-in balancing thermal management with
automatic pause and resume control
• Isolated differential daisy chain communication
with optional ring architecture
• Embedded fault signal and heartbeat through
communication line
• UART/SPI host interface/communication bridge
device BQ79600-Q1
• Built-in SPI master

2 Applications
• Battery Management System (BMS) in hybrid and
electric powertrain systems
• Energy storage battery packs with Battery
Management Systems

3 Description
BQ79612-Q1, BQ79614-Q1, BQ79616-Q1 and
BQ79616H-Q1 provide high-accuracy cell voltage
measurements in less than 200 μs for 12S, 14S
and 16S battery modules in high-voltage battery
management systems in HEV/EV. The family of
monitors offers different channel options in the same
package type, providing pin-to-pin compatibility and
supporting high reuse of the established software
and hardware across any platform. The integrated
front-end filters enable the system to implement
with simple, low voltage rating, differential RC
filters on the cell input channels. The integrated,
post-ADC, low-pass filters enable filtered, DC-like,
voltage measurements for better state of charge
(SOC) calculation. This device supports autonomous
internal cell balancing with temperature monitoring
to auto-pause and resume balancing to avoid an
overtemperature condition.




Similar Part No. - BQ79612PAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ79612PAPRQ1 TI-BQ79612PAPRQ1 Datasheet
1Mb / 13P
BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
More results


Similar Description - BQ79612PAPRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ79612-Q1 TI1-BQ79612-Q1 Datasheet
94Kb / 5P
BQ7961x-Q1 Family of 12S, 14S, 16S Precision Automotive Battery Monitor, Balancer and Integrated Hardware Protector with up to SafeTITM-26262 ASIL-D Compliance
BQ75614-Q1 TI1-BQ75614-Q1_V01 Datasheet
130Kb / 5P
BQ75614-Q1 14S or 16S Standalone Precision Automotive Battery Monitor, Balancer and Integrated Current Sense with up to SafeTITM-26262 ASIL-D ASIL-D Compliance
BQ79616-Q1 TI-BQ79616-Q1 Datasheet
1Mb / 13P
BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ79656-Q1 TI-BQ79656-Q1 Datasheet
1Mb / 11P
BQ79656-Q1, BQ79654-Q1, BQ79652-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector with Integrated Current Sense
BQ79612-Q1 TI-BQ79612-Q1_V01 Datasheet
1Mb / 13P
BQ79616-Q1, BQ79614-Q1, BQ79612-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector
BQ75614-Q1 TI-BQ75614-Q1_V02 Datasheet
1Mb / 13P
BQ75614-Q1 14S or 16S Standalone Precision Automotive Battery Monitor, Balancer and Integrated Current Sense
TL331-Q1 TI-TL331-Q1_V01 Datasheet
1Mb / 27P
TL331B-Q1, TL391B-Q1 and TL331-Q1 Automotive Single Comparators
BQ79656-Q1 TI-BQ79656-Q1_V01 Datasheet
1Mb / 13P
BQ79656-Q1, BQ79654-Q1, BQ79652-Q1 Functional Safety-Compliant Automotive 16S/14S/12S Battery Monitor, Balancer and Integrated Hardware Protector with Integrated Current Sense
REVISED JUNE 2022
BQ79718-Q1 TI-BQ79718-Q1 Datasheet
1Mb / 11P
BQ79718-Q1 Functional Safety-Compliant Automotive 18S Battery Monitor
DECEMBER 2022
BQ79616 TI-BQ79616 Datasheet
4Mb / 216P
BQ79616 16-Series Battery Monitor, Balancer, and Integrated Hardware Protector
JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com