Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NF75 Datasheet (PDF) - NF Forward USA Inc

NF75 Datasheet PDF - NF Forward USA Inc
Part # NF75
Download  NF75 Download
File Size   2213.23 Kbytes
Page   3 Pages
Manufacturer  NFFORWARD [NF Forward USA Inc]
Direct Link  https://nfforward.com/
Logo NFFORWARD - NF Forward USA Inc
Description Household electrical appliances

NF75 Datasheet (PDF)

Go To PDF Page Download Datasheet
NF75 Datasheet PDF - NF Forward USA Inc

Part # NF75
Download  NF75 Click to download

File Size   2213.23 Kbytes
Page   3 Pages
Manufacturer  NFFORWARD [NF Forward USA Inc]
Direct Link  https://nfforward.com/
Logo NFFORWARD - NF Forward USA Inc
Description Household electrical appliances

NF75 Datasheet (HTML) - NF Forward USA Inc


NF75 Product details

Features
* 1 pole 12/16A, 1 form C (CO) or 1 form A (NO) Contact
* DC Coil Power: 410 mW
* 5kV/8mm coil-contact, reinforced insulation
* Ambient temparature 85°C
* Accordance with IEC60335-1 Ed.5 (optional)
* Accordance with IEC60079-15





Similar Description - NF75

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
JZC-22F DBLECTRO-JZC-22F_05 Datasheet
838Kb / 3P
Suitable for household electrical appliances, automation system, electronic equipment, instrument and meter application.
N3753AADC6P DBLECTRO-N3753AADC6P Datasheet
396Kb / 2P
Suitable for automatic control, household electrical appliances and machinery electrical facilities.
NG4U DBLECTRO-NG4U_05 Datasheet
290Kb / 2P
Used in household appliances like air conditioning
NG8ND DBLECTRO-NG8ND Datasheet
290Kb / 2P
Suitable for household electrical appliances, automation system
NT71 DBLECTRO-NT71_05 Datasheet
520Kb / 2P
Suitable for household electrical appliances, automation system, instrument and meter
logo
Renesas Technology Corp
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
televisions, household appliances, office equipment, communication devices
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
cameras, televisions, household appliances, office equipment
logo
Panasonic Semiconductor
ALZ11B05W PANASONIC-ALZ11B05W Datasheet
74Kb / 4P
Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
Office Equipment Household Appliances
logo
Adels-Contact
1697P5 ADELS-1697P5 Datasheet
122Kb / 2P
Lighting, Installation, Electrical Appliances
12/11/2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com