Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SIS650S06AS Datasheet (PDF) - Silicon Supplies

SIS650S06AS Datasheet PDF - Silicon Supplies
Part # SIS650S06AS
Download  SIS650S06AS Download
File Size   1945.48 Kbytes
Page   3 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 650V 6A SiC Schottky Diode

SIS650S06AS Datasheet (PDF)

Go To PDF Page Download Datasheet
SIS650S06AS Datasheet PDF - Silicon Supplies

Part # SIS650S06AS
Download  SIS650S06AS Click to download

File Size   1945.48 Kbytes
Page   3 Pages
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies
Description 650V 6A SiC Schottky Diode

SIS650S06AS Datasheet (HTML) - Silicon Supplies


SIS650S06AS Product details

Features:
Capable of high temperature operation >= 175°C
High F requency Operation
High S urge Current Capability
No Reverse Recovery / No Forward Recovery
Positive Temperature Coefficient




Similar Part No. - SIS650S06AS

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
SIS650S03AS SS-SIS650S03AS Datasheet
1Mb / 3P
650V 3A SiC Schottky Diode
Rev 1.0 30/10/23
SIS650S08AS SS-SIS650S08AS Datasheet
947Kb / 3P
650V 8A SiC Schottky Diode
Rev 1.0 30/10/23
More results


Similar Description - SIS650S06AS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IDW20G65C5B INFINEON-IDW20G65C5B_15 Datasheet
742Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW24G65C5B INFINEON-IDW24G65C5B_15 Datasheet
732Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
IDW32G65C5B INFINEON-IDW32G65C5B_15 Datasheet
735Kb / 11P
650V SiC Schottky Diode
Rev. 2.0, 2015-04-13
logo
Chip Integration Techno...
SIC06C60 CITC-SIC06C60 Datasheet
772Kb / 4P
6A SiC Schottky Diode
SICF06C60 CITC-SICF06C60 Datasheet
3Mb / 4P
6A SiC Schottky Diode
logo
GeneSiC Semiconductor, ...
GE06MPS06A GENESIC-GE06MPS06A Datasheet
509Kb / 7P
650V 6A SiC Schottky MPS??Diode
GE06MPS06E GENESIC-GE06MPS06E Datasheet
508Kb / 7P
650V 6A SiC Schottky MPS??Diode
logo
UnitedSiC.
UJ3D06506TS UNITEDSIC-UJ3D06506TS Datasheet
388Kb / 5P
6A - 650V SiC Schottky Diode
Rev. A, September 2018
UJD06506TS UNITEDSIC-UJD06506TS Datasheet
514Kb / 4P
6A - 650V SiC Schottky Diode
Rev. B, November 2016
logo
Infineon Technologies A...
IDDD12G65C6 INFINEON-IDDD12G65C6 Datasheet
651Kb / 9P
650V SiC Schottky Diode
Rev. 2.0, 2018-02-06
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com