Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HW9315B Datasheet (PDF) - JILIN SINO-MICROELECTRONICS CO., LTD.

HW9315B Datasheet PDF - JILIN SINO-MICROELECTRONICS CO., LTD.
Part # HW9315B
Download  HW9315B Download
File Size   625.6 Kbytes
Page   9 Pages
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.
Description Non-isolated Buck APFC Offline LED Driver

HW9315B Datasheet (PDF)

Go To PDF Page Download Datasheet
HW9315B Datasheet PDF - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # HW9315B
Download  HW9315B Click to download

File Size   625.6 Kbytes
Page   9 Pages
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.
Description Non-isolated Buck APFC Offline LED Driver

HW9315B Datasheet (HTML) - JILIN SINO-MICROELECTRONICS CO., LTD.


HW9315B Product details

Description
The HW9315B is a high precision non-isolated buck
driver with active PFC, specially designed for
universal input offline constant current LED lighting.
The driver with on-chip PFC circuit achieves high
power factor and low THD. Operating in critical
conduction mode, the power MOSFET switching loss
is reduced and the inductor is fully utilized.
The HW9315B integrates a 550V power MOSFET.
With few external components, the LED output
current can be precisely controlled.
The inductor current is sensed during the whole
switching cycle. So it achieves high precision output
current control, and excellent line regulation and load
regulation.
The HW9315B offers rich protection functions to
improve the system reliability, including LED open
circuit protection, LED short circuit protection, VCC
over voltage protection, VCC under voltage
protection, CS resistor open protection, Over
temperature protection function and cycle by cycle
current limit. All the protection functions are
auto-recovery. Ensure that the system is reliable.

Features
Active PFC for High Power Factor and Low
THD
Internal 550V Power MOSFET
System Efficiency up to 95%
±3% LED Output Current Accuracy
Excellent Line and Load Regulation
Critical Conduction Mode Operation
LED Short/Open Protection
Current Sensing Resistor Open Protection
Cycle by Cycle Current Limit
VCC Under Voltage Protection
Auto Fault Recovery
Over temperature protection function
Available in SOP-8 Package
Applications
GU10/E27 LED Bulb, Spot Light
PAR30, PAR38 Lamp
T8/T10 LED String
Other LED Lighting




Similar Part No. - HW9315B

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
HW9019B JSMC-HW9019B Datasheet
223Kb / 9P
HW9019B
logo
Seoul Semiconductor
HW941A SEOUL-HW941A Datasheet
451Kb / 12P
WHITE HIGH FLUX LED
HW941A SEOUL-HW941A Datasheet
568Kb / 17P
WHITE HIGH FLUX LED
HW941A SEOUL-HW941A_1 Datasheet
568Kb / 17P
WHITE HIGH FLUX LED
logo
List of Unclassifed Man...
HW9D1 ETC2-HW9D1 Datasheet
892Kb / 1P
1/2 WATT METAL
More results


Similar Description - HW9315B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS3410 ETC2-WS3410 Datasheet
476Kb / 8P
Non-isolated Buck APFC Offline LED Driver
WS3411H ETC2-WS3411H Datasheet
576Kb / 8P
Non-isolated Buck APFC Offline LED Driver
WS3412AH ETC2-WS3412AH Datasheet
579Kb / 8P
Non-isolated Buck APFC Offline LED Driver
WS3413E ETC2-WS3413E Datasheet
559Kb / 9P
Non-isolated Buck APFC Offline LED Driver
WS3414H ETC2-WS3414H Datasheet
545Kb / 8P
Non-isolated Buck APFC Offline LED Driver
logo
Shenzhen Winsemi Microe...
WS3414H WINSEMI-WS3414H Datasheet
545Kb / 8P
Non-isolated Buck APFC Offline LED Driver
WS3413 WINSEMI-WS3413_15 Datasheet
549Kb / 9P
Non-isolated Buck APFC Offline LED Driver
WS3412H WINSEMI-WS3412H Datasheet
575Kb / 8P
Non-isolated Buck APFC Offline LED Driver
logo
Bright Power Semiconduc...
BP2326AJ BPS-BP2326AJ Datasheet
476Kb / 8P
Non-isolated Buck APFC Offline LED Driver
Rev.1.2
BP2328DJ BPS-BP2328DJ Datasheet
466Kb / 8P
Non-isolated Buck APFC Offline LED Driver
Rev.1.2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com