Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89S52 Datasheet (PDF) - NEWTC co., ltd.

AT89S52 Datasheet PDF - NEWTC co., ltd.
Part # AT89S52
Download  AT89S52 Download
File Size   1051.84 Kbytes
Page   8 Pages
Manufacturer  NEWTC [NEWTC co., ltd.]
Direct Link  https://www.newtc.co.kr/index.php
Logo NEWTC - NEWTC co., ltd.
Description 89S52(ISP) 개발 보드 ( Model : AB-S52 ) 메뉴얼

AT89S52 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT89S52 Datasheet PDF - NEWTC co., ltd.

Part # AT89S52
Download  AT89S52 Click to download

File Size   1051.84 Kbytes
Page   8 Pages
Manufacturer  NEWTC [NEWTC co., ltd.]
Direct Link  https://www.newtc.co.kr/index.php
Logo NEWTC - NEWTC co., ltd.
Description 89S52(ISP) 개발 보드 ( Model : AB-S52 ) 메뉴얼

AT89S52 Datasheet (HTML) - NEWTC co., ltd.


AT89S52 Product details

1 AB-S52 (89S52 개발 보드) 소개
ATMEL 사의 AT89S52를 이용한 8051 개발보드입니다.
AVR 용 USB-ISP 를 이용하여 프로그램을 다운로드 할 수 있습니다.
AT89S52의 포트(PORT 0, 1, 2, 3)가 10 Pin 커넥터로 연결되어 있습니다.
MAX232가 내장되어 RS-232 통신(±12V) 또는 UART(5V Level)로 디버깅 가능
외부전원 12V 입력. 내부동작 5V 단일 전원 사용
NTC사의 확장 보드를 편리하게 사용할 수 있습니다.




Similar Part No. - AT89S52

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89S52 ATMEL-AT89S52 Datasheet
233Kb / 30P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52 Datasheet
195Kb / 24P
8-bit Microcontroller with 8K Bytes Flash
AT89S52 ATMEL-AT89S52 Datasheet
478Kb / 39P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
logo
SYC Electronica
AT89S52 SYC-AT89S52 Datasheet
609Kb / 37P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Similar Description - AT89S52

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
XR-4880 SONY-XR-4880 Datasheet
1Mb / 7P
AEP Model UK Model
DVP-C600D SONY-DVP-C600D Datasheet
7Mb / 26P
US Model, Canadian Model, Mexican Model
logo
ERNI Electronics
114153 ERNI-114153 Datasheet
79Kb / 1P
ERmet Messerleiste AB
114236 ERNI-114236 Datasheet
73Kb / 1P
ERmet Messerleiste AB
124334 ERNI-124334 Datasheet
90Kb / 1P
ERmet Messerleiste Ab
223047 ERNI-223047 Datasheet
83Kb / 1P
ERmet Messerleiste AB
354866 ERNI-354866 Datasheet
85Kb / 1P
ERMET FEDERLEISTE AB
374048 ERNI-374048 Datasheet
86Kb / 1P
ERMET FEDERLEISTE AB
logo
Lowpower Semiconductor ...
LPA4871 POWER-LPA4871 Datasheet
694Kb / 9P
3W AB
logo
PHOENIX CONTACT
3025341 PHOENIX-3025341 Datasheet
82Kb / 3P
AB-SK
Jan 24, 2011
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com