Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YC1166 Datasheet (PDF) - Yichip Microelectronics (Hangzhou) Co., Ltd.

YC1166 Datasheet PDF - Yichip Microelectronics (Hangzhou) Co., Ltd.
Part # YC1166
Download  YC1166 Download
File Size   1308.17 Kbytes
Page   16 Pages
Manufacturer  YICHIP [Yichip Microelectronics (Hangzhou) Co., Ltd.]
Direct Link  http://www.yichip.com
Logo YICHIP - Yichip Microelectronics (Hangzhou) Co., Ltd.
Description Bluetooth 5.0 BR/EDR/BLE

YC1166 Datasheet (PDF)

Go To PDF Page Download Datasheet
YC1166 Datasheet PDF - Yichip Microelectronics (Hangzhou) Co., Ltd.

Part # YC1166
Download  YC1166 Click to download

File Size   1308.17 Kbytes
Page   16 Pages
Manufacturer  YICHIP [Yichip Microelectronics (Hangzhou) Co., Ltd.]
Direct Link  http://www.yichip.com
Logo YICHIP - Yichip Microelectronics (Hangzhou) Co., Ltd.
Description Bluetooth 5.0 BR/EDR/BLE

YC1166 Datasheet (HTML) - Yichip Microelectronics (Hangzhou) Co., Ltd.


YC1166 Product details

Key Features
 Bluetooth 5.0 BR/EDR/BLE Proprietary
double-mode RF SOC
 Very Low Power Consumption
 10nA shut down mode (external interrupts)
 800nA sleep mode (32kHz RC OSC, sleep
timer and register ON)
 2.1uA retention mode (32kHz RC OSC, sleep
timer, 2k retention memory and register ON)
 Rx peak current w/o DCDC
 16mA in BLE/2.4G mode
 17mA in EDR mode
 Tx peak current w/o DCDC @ -2dBm
 22mA in BLE/2.4G mode
 23mA in EDR mode
 Rx peak current with DCDC
 6.75mA in BLE/2.4G mode
 7.25mA in EDR mode
 Tx peak current with DCDC @ -2dBm
 16.5mA in BLE/2.4G mode
 17mA in EDR mode
 <25uA avg, 500ms sniff hold connection
 2.4GHz Transceiver
 Single-end RFIO
 -95dBm in BLE mode
 support 250kbps, 1/2/3Mbps data rates
 Tx Power upto +9dBm
 Audio Function
 Mic PGA 0-18dB,3dB per step
 16-bits ADC
 2x16Bit DAC, Stereo
 Audio SNR: ADC 88dB; DAC 92dB
 Oscillators
 16M/24M/32M XTAL supported (default
24M)
 40M RC oscillator
 Low Jitter 20K RC oscillator
 Dual Core Digital Architecture
 ARM Cortex-M0 Core for application
 DataRAM 16kB+Cache 16kB
 CPU clock speed 48Mhz
 32bit-Risc Core for link management
 80kB code ROM and 64Kbit OTP
 8kB patch RAM and 8kB dataRAM
 All RAMs can be set to retention mode
 Arithmetic Accelerators [Accuracy : (sign, 15b.16b)]
 sin/cos/tan/sin-1
/cos-1
/tan-1
/ multi/div/sqrt
 Analog Peripherals
 8 channel ADC with 10 bit accuracy/3Msps
 Digital Peripherals
 Two-wire Master (I2C compatible), upto
400kbps; UART(RTS/CTS) with HCI-H5
protocol, upto 3.25Mbps; SPI Master, upto
24Mbps and internal QSPI connected 4Mbit
Flash
 ISO7816
 AES256 HW encryption
 LED drive capability
 PWM
 20x8 key scan
 3 axis Q-decoder
 USB2.0 fullspeed,4Eps




Similar Part No. - YC1166

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
YC1011 HOLTEK-YC1011 Datasheet
297Kb / 8P
Mouse Controller
23rd Oct 96
logo
CT Micro International ...
YC101606-ATC4 CTMICRO-YC101606-ATC4 Datasheet
1Mb / 10P
SMD Type Yellow Emitter
Sep, 2020 Rev 1
logo
YAGEO Corporation
YC102 YAGEO-YC102 Datasheet
559Kb / 12P
RoHS compliant
Feb. 21, 2019 V.9
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
ARRAY CHIP RESISTORS
YC1225 YAGEO-YC1225 Datasheet
341Kb / 8P
ARRAY CHP RESISTORS
More results


Similar Description - YC1166

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
BCD110V3 DBLECTRO-BCD110V3 Datasheet
683Kb / 2P
Bluetooth v2.0EDR specification
BCD210 DBLECTRO-BCD210 Datasheet
375Kb / 2P
Bluetooth v2.0 EDR specification
logo
Cypress Semiconductor
CYW89035 CYPRESS-CYW89035 Datasheet
3Mb / 45P
Complies with Bluetooth Core Specification version 4.2 including Basic Rate (BR) BR/BLE
CYW20715 CYPRESS-CYW20715 Datasheet
3Mb / 47P
Bluetooth 4.0 EDR compliant
CYW20713 CYPRESS-CYW20713 Datasheet
4Mb / 52P
Bluetooth 4.0 EDR compliant
CYW20710 CYPRESS-CYW20710 Datasheet
4Mb / 50P
Bluetooth 4.0 EDR compliant
BCM20707 CYPRESS-BCM20707 Datasheet
1Mb / 65P
Complies with Bluetooth Core Specification version 4.2 including BR/EDR/BLE
CYW20719 CYPRESS-CYW20719 Datasheet
1Mb / 49P
Enhanced Low Power, BR/EDR/BLE Bluetooth 5.0 SOC
logo
List of Unclassifed Man...
HM-10 ETC1-HM-10 Datasheet
332Kb / 14P
Bluetooth 4.0 BLE module
logo
Silicon Laboratories
BT122 SILABS-BT122 Datasheet
1Mb / 42P
BT122 is a dual mode Bluetooth BR/EDR - BLE module targeted for applications that require both Bluetooth Low Energy and Classic connectivity.
Rev. 1.0
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com