Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8175 Datasheet (PDF) - Analog Devices

AD8175 Datasheet PDF - Analog Devices
Part # AD8175
Download  AD8175 Download
File Size   838.94 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Video Crosspoint Switch

AD8175 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8175 Datasheet PDF - Analog Devices

Part # AD8175
Download  AD8175 Click to download

File Size   838.94 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Video Crosspoint Switch

AD8175 Datasheet (HTML) - Analog Devices


AD8175 Product details

GENERAL DESCRIPTION
The AD8175 is a high speed, triple 16 × 9 video crosspoint switch matrix. It supports 1600 × 1200 RGB displays @ 85 Hz refresh rate, by offering a 500 MHz bandwidth and a slew rate of 1800 V/µs. With −88 dB of crosstalk and −94 dB isolation (@ 5 MHz), the AD8175 is useful in many high speed video applications.

FEATURES
    High channel count, triple 16 × 9 high speed, non-blocking switch array
    Differential or single-ended operation
    Supports sync-on common-mode and sync-on color operating modes
    Decoded HV sync outputs available
    G = +2 operation (differential input to differential output)
    Flexible power supplies: +5 V or ±2.5 V Logic ground for convenient control interface
    Serial or parallel programming of switch array
    High impedance output disable allows connection of multiple devices with minimal loading on output bus
    Adjustable output CM and black level through external pins
    Excellent ac performance (to support 1600 × 1200 @ 85 Hz)
        Bandwidth: 500 MHz
        Slew rate: 1800 V/µs
        Settling time: 4 ns to 1%
    Low power of 3.5 W
    Low all-hostile crosstalk
        −88 dB @ 5 MHz
        −46 dB @ 500 MHz
    Wide input common-mode range of 4 V
    Reset pin allows disabling of all outputs
    Fully populated 26 x 26 ball PBGA package (27 mm x 27 mm, 1 mm ball pitch)
    Convenient grouping of RGB signals for easy routing
   
APPLICATIONS
    RGB video switching
    KVM
    Professional video




Similar Part No. - AD8175

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8175 AD-AD8175_15 Datasheet
628Kb / 40P
Video Crosspoint Switch
REV. B
More results


Similar Description - AD8175

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
Video Crosspoint Switch Video Crosspoint Switch
logo
National Semiconductor ...
LMH6586 NSC-LMH6586 Datasheet
753Kb / 24P
32x16 Video Crosspoint Switch
logo
Texas Instruments
LMH6586 TI1-LMH6586_14 Datasheet
740Kb / 29P
32x16 Video Crosspoint Switch
logo
Analog Devices
AD8116 AD-AD8116_15 Datasheet
993Kb / 29P
Video Crosspoint Switch
REV. B
AD8177 AD-AD8177_15 Datasheet
851Kb / 40P
Video Crosspoint Switch
REV. 0
AD8178 AD-AD8178_15 Datasheet
826Kb / 40P
Video Crosspoint Switch
REV. 0
AD8175 AD-AD8175_15 Datasheet
628Kb / 40P
Video Crosspoint Switch
REV. B
AD8176 AD-AD8176_15 Datasheet
877Kb / 40P
Video Crosspoint Switch
REV. 0
AD8176 AD-AD8176_16 Datasheet
785Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
AD8178 AD-AD8178_16 Datasheet
770Kb / 37P
Video Crosspoint Switch
5/16-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com