Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX98397 Datasheet (PDF) - Analog Devices

MAX98397 Datasheet PDF - Analog Devices
Part # MAX98397
Download  MAX98397 Download
File Size   4836.94 Kbytes
Page   170 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 28V Digital Input, Class-DG Amplifier with IVSENSE, Ultra-Low IQ, and Brownout Prevention

MAX98397 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX98397 Datasheet PDF - Analog Devices

Part # MAX98397
Download  MAX98397 Click to download

File Size   4836.94 Kbytes
Page   170 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 28V Digital Input, Class-DG Amplifier with IVSENSE, Ultra-Low IQ, and Brownout Prevention

MAX98397 Datasheet (HTML) - Analog Devices


MAX98397 Product details

General Description
The MAX98397 is a high-efficiency, mono Class-DG speaker amplifier with industry-leading quiescent power, featuring integrated speaker current and voltage sensing (IVSENSE), a brownout-prevention engine (BPE), and dynamic-headroom tracking (DHT). The device also enables ultrasound applications by providing support for sample rates up to 192kHz, a higher passband (for fS > 50kHz), and a bypass path for the ultrasound signals through the amplifier so it is not attenuated by the audio processing. Precision output current monitoring (ISENSE) and voltage monitoring (VSENSE) enable speaker protection algorithms to be run by a host device. Spread-spectrum modulation (SSM) and edge rate control minimize EMI and eliminate the need for the output filtering found in traditional Class-D devices.
To achieve industry-leading quiescent power, the Class-DG architecture employs two supply rails; VBAT (3V to 5.5V) and PVDD (3V to 28V) to supply the speaker amplifier. The Class-DG amplifier switches between the two supply rails depending on the input signal level and/or the supply headroom.
For battery-powered applications, the BPE is designed to help prevent the possibility of a system brownout by reducing the device's contribution to the overall system power consumption. This is achieved by either attenuating or limiting the amplifier output when the device supply drops below a set of programmable BPE thresholds. Additionally, as the power-supply voltage varies due to sudden transients and declining battery life, DHT automatically optimizes the headroom available to the Class-DG amplifier to maintain consistent distortion and listening levels.
The device provides a PCM interface for audio data and a standard I2C interface for control data communication. The PCM interface supports audio playback using I2S, left-justified, and time-division multiplexing audio data formats. A unique clocking structure eliminates the need for an external system clock (MCLK) for PCM communication, which reduces pin count and simplifies board layout.
Thermal foldback, when enabled, automatically reduces the output power when the temperature exceeds a user-specified threshold. This allows for uninterrupted music playback even at high ambient temperatures. Traditional thermal protection is also available in addition to robust overcurrent protection.
The device is available in a 0.4mm pitch, 35-bump wafer-level package (WLP). The device operates over the extended -40°C to +85°C temperature range.

Benefits and Features
● Wide Input Supply Range (3V to 28V)
● Class-DG Operation Enables Industry Leading Quiescent Power
• 21mW at VPVDD = 20V, VVBAT = 3.8V
• 25.3mW at VPVDD = 24V, VVBAT = 5.0V
● Ultra-Low Noise Floor
• 21.5μVRMS Output Noise
• 117.8dB Dynamic Range
● Low Distortion
• -85dB THD+N at 3W into 8Ω, f = 1kHz
• -85dB THD+N at 6W into 4Ω, f = 1kHz
• -80dB THD+N at 1W into 8Ω, f = 6kHz, FSW = 650kHz
● Output Power:
• 42W into 8Ω, VPVDD = 28V, THD+N = 1%
• 26W into 4Ω, VPVDD = 16V, THD+N = 1%
• 51W into 8Ω, VPVDD = 28V, THD+N = 10%
● 100W Peak Output Power into 4Ω, VPVDD = 28V
● Speaker Amplifier Efficiency:
• 83% at 1W into 8Ω, VPVDD = 24V
• 93% Peak Efficiency into 8Ω, VPVDD = 24V
• 81% at 1W into 4Ω, VPVDD = 24V
• 90% Peak Efficiency into 4Ω, VPVDD = 24V
● Class-D EMI Reduction Enables Filterless Operation
● Spread-Spectrum Modulation and Switching-Edge Rate Control
● Integrated Speaker Current and Voltage Sense Do Not Require External Components
● Flexible Brownout-Prevention Engine
● I2S/16-Channel TDM and I2C Digital Interfaces
● Playback Support for 16-, 24-, and 32-Bit Data Words
● Playback and IV Paths Support Sample Rates up to 192kHz
● Audio Processing Bypass Path
● Dynamic Headroom Tracking (DHT) Maintains a Consistent Listening Experience
● Extensive Click-and-Pop Suppression
● 35-Bump WLP (0.4mm Pitch)

Applications
● Mobile Speakers and Smart Speakers
● Tablets, Laptop and Desktop Computers
● Soundbars
● Smart IOT




Similar Part No. - MAX98397

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98390 MAXIM-MAX98390 Datasheet
4Mb / 213P
Boosted Class-D Amplifier with Integrated Dynamic Speaker Management
19-100540; Rev 3; 7/20
logo
Analog Devices
MAX98390 AD-MAX98390 Datasheet
4Mb / 213P
Boosted Class-D Amplifier with Integrated Dynamic Speaker Management
Rev 3 7/20
logo
Maxim Integrated Produc...
MAX98390C MAXIM-MAX98390C Datasheet
2Mb / 27P
MAX98390C or MAX98390D development board
319-100366; Rev 1; 7/20
MAX98390C-ST-AUX# MAXIM-MAX98390C-ST-AUX# Datasheet
2Mb / 27P
MAX98390C or MAX98390D development board
319-100366; Rev 1; 7/20
MAX98390CEVSYS# MAXIM-MAX98390CEVSYS# Datasheet
2Mb / 27P
MAX98390C or MAX98390D development board
319-100366; Rev 1; 7/20
More results


Similar Description - MAX98397

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX98307_1108 MAXIM-MAX98307_1108 Datasheet
3Mb / 20P
3.3W Mono Class DG Multilevel Audio Amplifier
Rev 1; 8/11
MAX98307_1109 MAXIM-MAX98307_1109 Datasheet
3Mb / 21P
3.3W Mono Class DG Multilevel Audio Amplifier
Rev 2; 9/11
MAX98307 MAXIM-MAX98307_12 Datasheet
3Mb / 21P
3.3W Mono Class DG Multilevel Audio Amplifier
Rev 4; 3/12
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
logo
TEXAS ADVANCED OPTOELEC...
TAS2521 TAOS-TAS2521 Datasheet
1Mb / 35P
Digital Input Class-D Speaker Amplifier with Embedded miniDSP and mono headphone amplifier
logo
Maxim Integrated Produc...
MAX98372 MAXIM-MAX98372 Datasheet
2Mb / 91P
Digital Input Class D Amplifier with DHT and Brownout Protection
Rev 1; 1/16
MAX98374 MAXIM-MAX98374 Datasheet
3Mb / 129P
Digital Input Class D Speaker Amplifier with DHT
Rev 0; 3/18
MAX98372 MAXIM-MAX98372_V01 Datasheet
3Mb / 100P
Digital Input Class D Amplifier with DHT and Brownout Protection
19-7734; Rev 4; 3/20
MAX98307 MAXIM-MAX98307_V01 Datasheet
1Mb / 19P
3.3W Mono Class DG Multilevel Audio Amplifier
2020
logo
Analog Devices
MAX98388 AD-MAX98388 Datasheet
3Mb / 88P
Digital Input Class-D Amplifier with IV Feedback and Brownout Protection
Rev 0; 3/23
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com