Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFAM3512L7B Datasheet (PDF) - ON Semiconductor

NFAM3512L7B Datasheet PDF - ON Semiconductor
Part # NFAM3512L7B
Download  NFAM3512L7B Download
File Size   734.99 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Intelligent Power Module (IPM) Inverter, 1200 V, 35 A

NFAM3512L7B Datasheet (PDF)

Go To PDF Page Download Datasheet
NFAM3512L7B Datasheet PDF - ON Semiconductor

Part # NFAM3512L7B
Download  NFAM3512L7B Click to download

File Size   734.99 Kbytes
Page   16 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Intelligent Power Module (IPM) Inverter, 1200 V, 35 A

NFAM3512L7B Datasheet (HTML) - ON Semiconductor


NFAM3512L7B Product details

NFAM3512L7B is an advanced IPM module providing
a fully−featured, high−performance inverter output stage for AC
Induction, BLDC and PMSM motors. These modules integrate
optimized gate drive of the built−in IGBTs to minimize EMI and
losses, while also providing multiple on−module protection features
including under−voltage lockouts, over−current shutdown, thermal
monitoring of drive IC, and fault reporting. The built−in, high−speed
HVIC requires only a single supply voltage and translates the
incoming logic−level gate inputs to the high−voltage, high−current
drive signals required to properly drive the module’s internal IGBTs.
Separate negative IGBT terminals are available for each phase to
support the widest variety of control algorithms.

Features
• 1200 V 35 A 3−Phase FS7 IGBT Inverter, Including Control ICs for
Gate Drive and Protections
• Very Low Thermal Resistance Using Al2O3 DBC Substrate
• Active Logic Interface
• Built−in Under−voltage Protection (UVP)
• Built−In Bootstrap Diodes/Resistors
• Separate Low−side IGBT Emitter Connections for Individual Current
Sensing of Each Phase
• Temperature Sensor (TSU Output by LVIC)
• UL Certification: E209204
• This is a Pb−Free Device

Typical Application
• Industrial Drives
• Industrial Pumps
• Industrial Fans
• Industrial Automation




Similar Part No. - NFAM3512L7B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM3065L4B ONSEMI-NFAM3065L4B Datasheet
388Kb / 10P
Intelligent Power Module(IPM), 650 V, 30 A
April, 2020 ??Rev. 1
NFAM3065L4BL ONSEMI-NFAM3065L4BL Datasheet
410Kb / 11P
Intelligent Power Module (IPM) 650 V, 30 A
February, 2021 ??Rev. P1
NFAM3065L4BT ONSEMI-NFAM3065L4BT Datasheet
286Kb / 10P
Intelligent Power Module (IPM), 650 V, 30 A
April, 2020 ??Rev. 1
NFAM3065L4BTL ONSEMI-NFAM3065L4BTL Datasheet
262Kb / 10P
Intelligent Power Module (IPM) 650 V, 30 A
August, 2021 ??Rev. 0
More results


Similar Description - NFAM3512L7B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NFAM2012L5BT ONSEMI-NFAM2012L5BT Datasheet
390Kb / 10P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFAQ0860L36T ONSEMI-NFAQ0860L36T Datasheet
510Kb / 14P
Intelligent Power Module (IPM) 600 V, 8 A
January, 2020 ??Rev. 0
NFVA23512NP2T ONSEMI-NFVA23512NP2T Datasheet
754Kb / 15P
Automotive 3?뭁hase 1200 V, 35 A IGBT Intelligent Power Module
December, 2019 ??Rev. 4
NFAM1012L5B ONSEMI-NFAM1012L5B Datasheet
395Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM1012L5BT ONSEMI-NFAM1012L5BT Datasheet
346Kb / 9P
Intelligent Power Module (IPM) 1200 V, 10 A
December, 2019 ??Rev. P0
NFAM2012L5B ONSEMI-NFAM2012L5B Datasheet
487Kb / 9P
Intelligent Power Module (IPM) 1200 V, 20 A
October, 2019 ??Rev. P0
NFAM0512L5BT ONSEMI-NFAM0512L5BT Datasheet
218Kb / 9P
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0
NFAM0512L5B ONSEMI-NFAM0512L5B Datasheet
317Kb / 10P
Intelligent Power Module (IPM) 1200 V, 5 A
March, 2020 ??Rev. P0
NFAM1512L7B ONSEMI-NFAM1512L7B Datasheet
650Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 15 A
September, 2023 - Rev. 0
NFAM2512L7B ONSEMI-NFAM2512L7B Datasheet
470Kb / 16P
Intelligent Power Module (IPM) Inverter, 1200 V, 25 A
September, 2023 - Rev. 0
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com