Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1149131 Datasheet (PDF) - PHOENIX CONTACT

1149131 Datasheet PDF - PHOENIX CONTACT
Part # 1149131
Download  1149131 Download
File Size   452.97 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6/ 3-STL2-7,62 - PCB connector

1149131 Datasheet (PDF)

Go To PDF Page Download Datasheet
1149131 Datasheet PDF - PHOENIX CONTACT

Part # 1149131
Download  1149131 Click to download

File Size   452.97 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PC 6/ 3-STL2-7,62 - PCB connector

1149131 Datasheet (HTML) - PHOENIX CONTACT


1149131 Product details

PCB connector, nominal cross section: 6 mm2, color: green, nominal current: 41 A, rated voltage
(III/2): 1000 V, contact surface: Tin, contact connection type: Socket, number of rows: 1, number
of positions: 3, product range: PC 6/..-STL, pitch: 7.62 mm, connection method: Screw
connection with tension sleeve, screw head form: Z1L Slotted Pozidriv, conductor/PCB
connection direction: 0 °, locking clip: - without locking clip, plug-in system: COMBICON PC 6,
locking: Snap-in locking, mounting: Self-locking flange, type of packaging: packed in cardboard

Your advantages
• Increased touch protection in accordance with IEC/UL 61800-5-1
• Well-known connection principle allows worldwide use
• Allows connection of two conductors
• Low temperature rise, thanks to maximum contact force
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1149131

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1149130000 WEIDMULLER-1149130000 Datasheet
498Kb / 5P
SL 5.08HC/17/180G 3.2SN BK BX
1149130000 WEIDMULLER-1149130000 Datasheet
1Mb / 18P
BLF 5.08HC/17/180 SN OR BX
logo
PHOENIX CONTACT
1149132 PHOENIX-1149132 Datasheet
455Kb / 14P
PC 6/ 4-STL3-7,62 - PCB connector
1149133 PHOENIX-1149133 Datasheet
453Kb / 14P
PC 6/ 5-STL3-7,62 - PCB connector
1149134 PHOENIX-1149134 Datasheet
450Kb / 14P
PC 6/ 6-STL4-7,62 - PCB connector
More results


Similar Description - 1149131

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1190487 PHOENIX-1190487 Datasheet
446Kb / 10P
PCB header - PC 6/ 3-G-7,62 P26THR
Jul 20, 2022
1190538 PHOENIX-1190538 Datasheet
448Kb / 10P
PCB header - PC 6/ 3-GL2-7,62 P26THR
Jul 20, 2022
1192647 PHOENIX-1192647 Datasheet
455Kb / 10P
PCB header - PC 6/ 3-GL2U-7,62 P26THR
Jul 20, 2022
1199930 PHOENIX-1199930 Datasheet
469Kb / 11P
PCB header - PC 6/ 3-G-7,62 P26THRR56
Jul 20, 2022
1054547 PHOENIX-1054547 Datasheet
262Kb / 9P
PCB header - PC 6/ 3-G-7,62
Jan 10, 2023
1044738 PHOENIX-1044738 Datasheet
301Kb / 10P
PC 6/ 3-ST-BUS-7,62 - PCB connector
1149134 PHOENIX-1149134 Datasheet
450Kb / 14P
PC 6/ 6-STL4-7,62 - PCB connector
1149083 PHOENIX-1149083 Datasheet
462Kb / 14P
PC 6/ 3-ST-7,62 - PCB connector
1149088 PHOENIX-1149088 Datasheet
455Kb / 14P
PC 6/ 6-ST-7,62 - PCB connector
1149129 PHOENIX-1149129 Datasheet
449Kb / 14P
PC 6/ 2-STL2-7,62 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com