Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA1034 Datasheet (PDF) - List of Unclassifed Manufacturers

TDA1034 Datasheet PDF - List of Unclassifed Manufacturers
Part # TDA1034
Download  TDA1034 Download
File Size   209.39 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description TDA1034 Series - Operational Amplifier

TDA1034 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA1034 Datasheet PDF - List of Unclassifed Manufacturers

Part # TDA1034
Download  TDA1034 Click to download

File Size   209.39 Kbytes
Page   7 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description TDA1034 Series - Operational Amplifier

TDA1034 Datasheet (HTML) - List of Unclassifed Manufacturers


TDA1034 Product details

GENERAL DESCRIPTION

The TDA1034 is a high-performance general purpose
operational amplifier. Compared to most of the standard
operational amplifiers (e.g. uA741, TBA221, LM301A and
LM307), it shows better noise performance, improved out-
put drive capability and considerably higher small-signal and
power bandwidth.

This makes the device especially suitable for application in
high quality and professional audio equipment, in instru-
mentation and control circuits and telephone channel
amplifiers. The op amp is internally compensated for gain
equal to, or higher than, three.

The frequency response can be optimized with an external
compensation capacitor for various applications {unity gain
amplifier, capacitive load, slew-rate, low overshoot, etc). If
very low noise is of prime importance, it is recommended
that the TDA1034N version be used which has guaranteed
noise specifications and somewhat lower input current.

FEATURES

eo Smailsignal bandwidth : 10 MHz

eo Qutput drive capability. : 600 £2, 10V {r.m.s.) at Vp =
“Vn = 18V

® Input noise voltage C4 nv /VBZ

eo D.C. voltage gain : 100 000

e A.C. voltage gain : 6000 at 10 kHz

® Power bandwidth 1 200 kHz

e Slew rate 13 Vis

e Large supply voltage
range 1 +310:20V




Similar Part No. - TDA1034

ManufacturerPart #DatasheetDescription
logo
Wuxi Youda electronics ...
TDA1030 YOUDA-TDA1030 Datasheet
71Kb / 3P
TV SOUND POWER AMPLIFIER
logo
List of Unclassifed Man...
TDA1035 ETC-TDA1035 Datasheet
432Kb / 3P
Tonkanaischaltung fur Fernsehempfanger
logo
Siemens Semiconductor G...
TDA1037 SIEMENS-TDA1037 Datasheet
350Kb / 9P
AF POWER AMPLIFIER IC WITH THERMAL SHUTDOWN
More results


Similar Description - TDA1034

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
Operational Amplifier
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
Operational Amplifier
LT1222 LINER-LT1222_15 Datasheet
261Kb / 12P
Operational Amplifier
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
Operational Amplifier
logo
Texas Instruments
LM741 TI1-LM741 Datasheet
815Kb / 18P
Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
Operational Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com