Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH173 Datasheet (PDF) - Diodes Incorporated

AH173 Datasheet PDF - Diodes Incorporated
Part # AH173
Download  AH173 Download
File Size   123.16 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE

AH173 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH173 Datasheet PDF - Diodes Incorporated

Part # AH173
Download  AH173 Click to download

File Size   123.16 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH TEMPERATURE

AH173 Datasheet (HTML) - Diodes Incorporated


AH173 Product details

General Description
AH173 is a single-digital-output Hall-effect sensor with pull-up resistor for high temperature operation. The device includes an on-chip Hall voltage generator for magnetic sensing, an amplifier to amplify Hall voltage, and a comparator to provide switching hysteresis for noise rejection, and an output driver with a pull-up resistor (Rpu). An internal band-gap regulator is used to provide temperature compensated supply voltage for internal circuits and allows a wide operating supply range. While the magnetic flux density (B) is larger than operate point (Bop), the OUT pin turns on (low). If B moves toward release point (Brp), the OUT pin is latched “on” state prior to B < Brp. When B < Brp, the OUT pin goes into “off ” state.

Features
• Bipolar Hall Effect Latch Sensor
• 3V to 20V DC Operation Voltage
• Built-in Pull-Up Resistor
• 25mA Output Sink Current
• Operating Temperature: −40°C ~ +125°C
• Lead Free Finish/RoHS Compliant for Lead Free products (Note 1)
• Lead Free Package: SIP-3L, SC59-3L
• Green Package: SC59-3L

Applications
• Rotor Position Sensing
• Current Switch
• Encoder
• RPM Detection




Similar Part No. - AH173

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
Internal Pull-up Hall Effect Latch For High Temperature
Rev. 0.7 May 7, 2004
logo
Diodes Incorporated
AH173-PG-A-A DIODES-AH173-PG-A-A Datasheet
162Kb / 9P
INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
Rev ersal
AH173-PG-A-B DIODES-AH173-PG-A-B Datasheet
162Kb / 9P
INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
Rev ersal
AH173-PG-B-A DIODES-AH173-PG-B-A Datasheet
162Kb / 9P
INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
Rev ersal
AH173-PG-B-B DIODES-AH173-PG-B-B Datasheet
162Kb / 9P
INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
Rev ersal
More results


Similar Description - AH173

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH173 ANACHIP-AH173 Datasheet
181Kb / 6P
Internal Pull-up Hall Effect Latch For High Temperature
Rev. 0.7 May 7, 2004
AH172 ANACHIP-AH172 Datasheet
179Kb / 6P
Internal Pull-up Hall Effect Latch
Rev. 0.4 May 7, 2004
AH373 ANACHIP-AH373 Datasheet
188Kb / 6P
Internal Pull-up Hall Effect Latch
Rev. 0.0 Jan 31, 2005
AH373 ANACHIP-AH373_1 Datasheet
183Kb / 6P
Internal Pull-up Hall Effect Latch
logo
Diodes Incorporated
AH173 DIODES-AH173_10 Datasheet
162Kb / 9P
INTERNAL PULL-UP HALL EFFECT LATCH FOR HIGH
Rev ersal
AH373 DIODES-AH373 Datasheet
184Kb / 9P
INTERNAL PULL-UP HALL EFFECT LATCH
Rev ersal
AH3782 DIODES-AH3782 Datasheet
519Kb / 14P
HIGH-VOLTAGE, HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
Rev erses
AH372 DIODES-AH372 Datasheet
528Kb / 12P
INTERNAL PULL-UP HALL EFFECT LATCH
Rev ersal
AH3382 DIODES-AH3382 Datasheet
763Kb / 14P
HIGH VOLTAGE ULTRA HIGH SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
Rev erse
AH3781 DIODES-AH3781 Datasheet
487Kb / 13P
HIGH-VOLTAGE HIGH-SENSITIVITY HALL EFFECT LATCH WITH INTERNAL PULL-UP RESISTOR
Rev erses
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com