Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH183 Datasheet (PDF) - Diodes Incorporated

AH183 Datasheet PDF - Diodes Incorporated
Part # AH183
Download  AH183 Download
File Size   210.84 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW POWER HALL EFFECT SWITCH

AH183 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH183 Datasheet PDF - Diodes Incorporated

Part # AH183
Download  AH183 Click to download

File Size   210.84 Kbytes
Page   9 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description LOW POWER HALL EFFECT SWITCH

AH183 Datasheet (HTML) - Diodes Incorporated


AH183 Product details

General Description
AH182/AH183 is a three-terminal Hall effect sensor device with an output driver, mainly designed for battery–operation, hand-held equipment (such as cellular and cordless phones, and PDA’s) The total operation power is down to 15uW in the 2.75V supply.

Features
• Micropower operation
• 2.5V to 5.5V battery operation
• Offset Canceling Technology
• Superior temperature stability
• Extremely Low Switch-Point Drift
• Insensitive to Physical Stress
• -40°C to 85°C operating temperature
• Lead Free packages: SIP-3L and SC59 (Commonly known as SOT23 in Asia)
• SIP-3L and SC59: Available in “Green” Molding Compound (No Br, Sb)
• Lead Free Finish / RoHS Compliant (Note 1)

Applications
• Cover detector
• Speed measurement
• Home safety




Similar Part No. - AH183

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH183 ETC-AH183 Datasheet
189Kb / 6P
Low power Hall Effect Switch
logo
Diodes Incorporated
AH183 DIODES-AH183 Datasheet
141Kb / 10P
LOW POWER HALL EFFECT SWITCH
Rev 8
More results


Similar Description - AH183

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH182 ETC-AH182 Datasheet
189Kb / 6P
Low power Hall Effect Switch
logo
Diodes Incorporated
AH182 DIODES-AH182_09 Datasheet
141Kb / 10P
LOW POWER HALL EFFECT SWITCH
Rev 8
logo
Unisonic Technologies
UH8100 UTC-UH8100 Datasheet
153Kb / 6P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102 Datasheet
138Kb / 7P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_11 Datasheet
165Kb / 5P
LOW POWER HALL EFFECT SWITCH
UH8100 UTC-UH8100_15 Datasheet
142Kb / 4P
LOW POWER HALL EFFECT SWITCH
UHE4913 UTC-UHE4913_15 Datasheet
190Kb / 4P
LOW POWER HALL EFFECT SWITCH
UH8102 UTC-UH8102_15 Datasheet
152Kb / 6P
LOW POWER HALL EFFECT SWITCH
logo
Texas Instruments
TMAG5231 TI-TMAG5231 Datasheet
1Mb / 27P
TMAG5231 Low-Power, Hall Effect Switch
NOVEMBER 2021
TMAG5231 TI-TMAG5231_V01 Datasheet
2Mb / 35P
TMAG5231 Low-Power, Hall Effect Switch
MARCH 2022
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com