Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH288 Datasheet (PDF) - Diodes Incorporated

AH288 Datasheet PDF - Diodes Incorporated
Part # AH288
Download  AH288 Download
File Size   120.2 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER

AH288 Datasheet (PDF)

Go To PDF Page Download Datasheet
AH288 Datasheet PDF - Diodes Incorporated

Part # AH288
Download  AH288 Click to download

File Size   120.2 Kbytes
Page   10 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER

AH288 Datasheet (HTML) - Diodes Incorporated


AH288 Product details

General Description
AH288 is a monolithic fan motor controller with Hall sensor’s capability. It contains two complementary open-drain transistors as motor coil drivers, automatic lock current shutdown, and recovery protections. Additional, frequency generator (FG) output is for speed detection relatively.
Rotor-lock shutdown detection circuit turns off the output driver when the rotor is blocked to avoid coil overheat. Then, the automatic recovery circuit will restart the motor. These protected actions are repeated and periodic during the blocked period. Until the blocking is removed, the motor recovers and runs normally.

Features
• On chip Hall sensor
• Rotor-locked shutdown
• Automatically restart
• Frequency generator (FG) output
• Built-in Zener protection for output driver
• Operating voltage: 3.8V~28V
• Output current: IO(AVE) = 400mA
• Lead Free Package: SOT89-5L (Note 1)
• SOT89-5L: Available in “Green” Molding Compound
   (No Br, Sb)
• Lead Free Finish/RoHS Compliant (Note 2)




Similar Part No. - AH288

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AH288 ETC-AH288 Datasheet
180Kb / 6P
S
logo
Diodes Incorporated
AH288 DIODES-AH288 Datasheet
130Kb / 9P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 12
AH288-YG-13 DIODES-AH288-YG-13 Datasheet
130Kb / 9P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 12
AH288-YL-13 DIODES-AH288-YL-13 Datasheet
130Kb / 9P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 12
AH288 DIODES-AH288_10 Datasheet
130Kb / 9P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR
Rev 12
More results


Similar Description - AH288

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AH289 ANACHIP-AH289 Datasheet
169Kb / 7P
High Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.1 Jan 17, 2005
AH281 ANACHIP-AH281 Datasheet
147Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
AH282 ANACHIP-AH282 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.4 Apr 16, 2004
AH283 ANACHIP-AH283 Datasheet
151Kb / 7P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
Rev. 0.7 Apr 16, 2004
AH287 ANACHIP-AH287 Datasheet
166Kb / 7P
High Voltage Hall-Effect Smart Fan Motor Controller
Rev. 0.1 Jan 17, 2005
logo
Diodes Incorporated
AH284 DIODES-AH284 Datasheet
236Kb / 9P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH284 Rev. 3
AH285 DIODES-AH285 Datasheet
215Kb / 8P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH285 Rev. 2
AH286 DIODES-AH286 Datasheet
186Kb / 10P
HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH286 Rev. 4
AH287 DIODES-AH287 Datasheet
114Kb / 10P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH287 Rev. 4
AH289 DIODES-AH289 Datasheet
188Kb / 9P
HIGH VOLTAGE HALL-EFFECT SMART FAN MOTOR CONTROLLER
AH289 Rev. 3
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com