Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069A Datasheet (PDF) - Belden Inc.

1069A Datasheet PDF - Belden Inc.
Part # 1069A
Download  1069A Download
File Size   185.58 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 2 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet

1069A Datasheet (PDF)

Go To PDF Page Download Datasheet
1069A Datasheet PDF - Belden Inc.

Part # 1069A
Download  1069A Click to download

File Size   185.58 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 2 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet

1069A Datasheet (HTML) - Belden Inc.


1069A Product details

Product Description
UL Instrumentation, 2 Pair 16AWG (7x24) Bare Copper, PVC-NYL Insulation E1 Color Code, Overall Beldfoil® Shield, Black PVC Outer Jacket, 600V TC-ER
150V NPLF 90C Dry/Wet SUN RES DIR BUR




Similar Part No. - 1069A

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1069AS-100M TOKO-1069AS-100M Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
1069AS-120M TOKO-1069AS-120M Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
1069AS-150M TOKO-1069AS-150M Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
1069AS-180M TOKO-1069AS-180M Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
1069AS-1R0N TOKO-1069AS-1R0N Datasheet
177Kb / 3P
Fixed Inductors for Surface Mounting
More results


Similar Description - 1069A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1037A BELDEN-1037A Datasheet
156Kb / 2P
Inst, 3 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1063A BELDEN-1063A Datasheet
158Kb / 2P
Inst, 2 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1039A BELDEN-1039A Datasheet
157Kb / 2P
Inst, 4 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1055A BELDEN-1055A Datasheet
157Kb / 2P
Inst, 2 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1065A BELDEN-1065A Datasheet
199Kb / 2P
Inst, 8 Pr #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1070A BELDEN-1070A Datasheet
161Kb / 2P
Inst, 4 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1071A BELDEN-1071A Datasheet
161Kb / 2P
Inst, 8 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1052A BELDEN-1052A Datasheet
207Kb / 2P
Inst, 16 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1074A BELDEN-1074A Datasheet
163Kb / 2P
Inst, 24 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
3090A BELDEN-3090A Datasheet
169Kb / 2P
Inst, 1 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC 150V NPLF 90C Dry/Wet
04-14-2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com