Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1339690 Datasheet (PDF) - PHOENIX CONTACT

1339690 Datasheet PDF - PHOENIX CONTACT
Part # 1339690
Download  1339690 Download
File Size   716.8 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D31PC 2,2/ 3-3,81-X - PCB connector

1339690 Datasheet (PDF)

Go To PDF Page Download Datasheet
1339690 Datasheet PDF - PHOENIX CONTACT

Part # 1339690
Download  1339690 Click to download

File Size   716.8 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description D31PC 2,2/ 3-3,81-X - PCB connector

1339690 Datasheet (HTML) - PHOENIX CONTACT


1339690 Product details

PCB connector, color: black, nominal current: 8 A, rated voltage (III/2): 160 V, contact connection
type: Socket, number of rows: 1, number of positions: 3, product range: D31PC 2,2/, pitch: 3.81
mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, locking
clip: - without locking clip, plug-in system: CONNEXIS D, locking: Snap-in locking, mounting:
Self-locking flange, type of packaging: packed in cardboard

Your advantages
• Cost-effective connection of crimped conductors in large quantities
• Small component size for applications where space is at a premium
• Intuitive locking mechanism prevents accidental disconnection
• Tools for automatic crimping available as an option




Similar Part No. - 1339690

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1339691 PHOENIX-1339691 Datasheet
717Kb / 13P
D31PC 2,2/ 5-3,81-X - PCB connector
1339692 PHOENIX-1339692 Datasheet
717Kb / 13P
D31PC 2,2/ 4-3,81-X - PCB connector
1339694 PHOENIX-1339694 Datasheet
687Kb / 12P
D31PC 2,2/ 6-3,81-X - PCB connector
1339695 PHOENIX-1339695 Datasheet
713Kb / 13P
D31PC 2,2/ 8-3,81-X - PCB connector
1339697 PHOENIX-1339697 Datasheet
695Kb / 13P
D31PC 2,2/10-3,81-X - PCB connector
More results


Similar Description - 1339690

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1339695 PHOENIX-1339695 Datasheet
713Kb / 13P
D31PC 2,2/ 8-3,81-X - PCB connector
1340903 PHOENIX-1340903 Datasheet
716Kb / 13P
D31PC 2,2/ 3-3,81-Y - PCB connector
1340904 PHOENIX-1340904 Datasheet
717Kb / 13P
D31PC 2,2/ 4-3,81-Y - PCB connector
1341089 PHOENIX-1341089 Datasheet
711Kb / 13P
D31PC 2,2/10-3,81-Y - PCB connector
1340905 PHOENIX-1340905 Datasheet
717Kb / 13P
D31PC 2,2/ 5-3,81-Y - PCB connector
1337548 PHOENIX-1337548 Datasheet
686Kb / 12P
D31PC 2,2/ 2-3,81-X - PCB connector
1339691 PHOENIX-1339691 Datasheet
717Kb / 13P
D31PC 2,2/ 5-3,81-X - PCB connector
1339692 PHOENIX-1339692 Datasheet
717Kb / 13P
D31PC 2,2/ 4-3,81-X - PCB connector
1341086 PHOENIX-1341086 Datasheet
714Kb / 13P
D31PC 2,2/ 8-3,81-Y - PCB connector
1339694 PHOENIX-1339694 Datasheet
687Kb / 12P
D31PC 2,2/ 6-3,81-X - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com