Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1094A Datasheet (PDF) - Belden Inc.

1094A Datasheet PDF - Belden Inc.
Part # 1094A
Download  1094A Download
File Size   161.62 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 8 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet

1094A Datasheet (PDF)

Go To PDF Page Download Datasheet
1094A Datasheet PDF - Belden Inc.

Part # 1094A
Download  1094A Click to download

File Size   161.62 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 8 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet

1094A Datasheet (HTML) - Belden Inc.


1094A Product details

Product Description
UL Instrumentation, 8 Triad 18AWG (7x26) Bare Copper, PVC-NYL Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer Jacket,
600V TC-ER 150V NPLF 90C Dry 75C Wet SUN RES DIR BUR




Similar Part No. - 1094A

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
1094AS-100M TOKO-1094AS-100M Datasheet
81Kb / 2P
Fixed Inductors for Cellular Phone
1094AS-120M TOKO-1094AS-120M Datasheet
81Kb / 2P
Fixed Inductors for Cellular Phone
1094AS-150M TOKO-1094AS-150M Datasheet
81Kb / 2P
Fixed Inductors for Cellular Phone
1094AS-1R0N TOKO-1094AS-1R0N Datasheet
81Kb / 2P
Fixed Inductors for Cellular Phone
1094AS-1R5N TOKO-1094AS-1R5N Datasheet
81Kb / 2P
Fixed Inductors for Cellular Phone
More results


Similar Description - 1094A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
62P1808 BELDEN-62P1808 Datasheet
153Kb / 2P
Inst, 8 Pr #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
1093A BELDEN-1093A Datasheet
162Kb / 2P
Inst, 4 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
1095A BELDEN-1095A Datasheet
162Kb / 2P
Inst, 12 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
3066A BELDEN-3066A Datasheet
166Kb / 3P
Inst, 16 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
08-09-2023
61T1608 BELDEN-61T1608 Datasheet
147Kb / 2P
Inst, 8 Tri #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
61T1801 BELDEN-61T1801 Datasheet
147Kb / 2P
Inst, 1 Tri #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
62T1604 BELDEN-62T1604 Datasheet
148Kb / 2P
Inst, 4 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
62T1804 BELDEN-62T1804 Datasheet
148Kb / 2P
Inst, 4 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
62T1808 BELDEN-62T1808 Datasheet
148Kb / 2P
Inst, 8 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
62T1812 BELDEN-62T1812 Datasheet
147Kb / 2P
Inst, 12 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com