Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1097A Datasheet (PDF) - Belden Inc.

1097A Datasheet PDF - Belden Inc.
Part # 1097A
Download  1097A Download
File Size   162.97 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 4 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet

1097A Datasheet (PDF)

Go To PDF Page Download Datasheet
1097A Datasheet PDF - Belden Inc.

Part # 1097A
Download  1097A Click to download

File Size   162.97 Kbytes
Page   2 Pages
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.
Description Inst, 4 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet

1097A Datasheet (HTML) - Belden Inc.


1097A Product details

Product Description
UL Instrumentation, 4 Triad 16AWG (7x24) Bare Copper, PVC-NYL Insulation E1 Color Code, Individual & Overall Beldfoil® Shield, Black PVC Outer Jacket,
600V TC-ER 150V NPLF 90C Dry/Wet SUN RES DIR BUR




Similar Part No. - 1097A

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
1097 ADAFRUIT-1097 Datasheet
93Kb / 2P
Simple RF T4 Receiver - 315MHz Toggle Type
logo
List of Unclassifed Man...
10970 ETC-10970 Datasheet
110Kb / 2P
30.0 MM DIA OPTIC 4 LEG HOLDER
11-Feb-09
logo
Belden Inc.
10970 BELDEN-10970 Datasheet
419Kb / 3P
CANopen / DeviceNet Data Single-Ended Cordset
logo
PHOENIX CONTACT
1097009 PHOENIX-1097009 Datasheet
191Kb / 6P
WMTB HF (40X12)R OG - Cable marker
1097010 PHOENIX-1097010 Datasheet
179Kb / 4P
EML (27X8)R TR - Label
More results


Similar Description - 1097A

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
1039A BELDEN-1039A Datasheet
157Kb / 2P
Inst, 4 Pr #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
1070A BELDEN-1070A Datasheet
161Kb / 2P
Inst, 4 Pr #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
3091A BELDEN-3091A Datasheet
189Kb / 2P
Inst, 1 Tri #16 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
62T1602 BELDEN-62T1602 Datasheet
146Kb / 2P
Inst, 2 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
1098A BELDEN-1098A Datasheet
163Kb / 2P
Inst, 8 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
3066A BELDEN-3066A Datasheet
166Kb / 3P
Inst, 16 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
08-09-2023
3089A BELDEN-3089A Datasheet
190Kb / 2P
Inst, 1 Tri #18 Str BC, PVC-NYL Ins E1, OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry/Wet
04-14-2023
62T1604 BELDEN-62T1604 Datasheet
148Kb / 2P
Inst, 4 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
62T1612 BELDEN-62T1612 Datasheet
148Kb / 2P
Inst, 12 Tri #16 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
04-14-2023
62T1804 BELDEN-62T1804 Datasheet
148Kb / 2P
Inst, 4 Tri #18 Str BC, PVC-NYL Ins E1, IS/OS, Blk PVC Jkt, 600V TC-ER 150V NPLF 90C Dry 75C Wet
12-20-2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com