Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1989751 Datasheet (PDF) - PHOENIX CONTACT

1989751 Datasheet PDF - PHOENIX CONTACT
Part # 1989751
Download  1989751 Download
File Size   340.66 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - PTSA 0,5/ 3-2,5-F

1989751 Datasheet (PDF)

Go To PDF Page Download Datasheet
1989751 Datasheet PDF - PHOENIX CONTACT

Part # 1989751
Download  1989751 Click to download

File Size   340.66 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PCB terminal block - PTSA 0,5/ 3-2,5-F

1989751 Datasheet (HTML) - PHOENIX CONTACT


1989751 Product details

PCB terminal block, nominal current: 2 A, rated voltage (III/2): 250 V, nominal cross section: 0.5
mm2, number of potentials: 3, number of rows: 1, number of positions per row: 3, product range:
PTSA 0,5, pitch: 2.5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.6 mm, number of solder pins per potential: 1, type of packaging: packed in
cardboard. Soldering legs in front area, one-rowed

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Angled connection enables multi-row arrangement on the PCB




Similar Part No. - 1989751

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1989722 PHOENIX-1989722 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 1,5/ 2-5,08 H1L
1989748 PHOENIX-1989748 Datasheet
413Kb / 11P
PCB terminal block - PTSA 0,5/ 2-2,5-F
Sep 8, 2022
1989764 PHOENIX-1989764 Datasheet
429Kb / 11P
PCB terminal block - PTSA 0,5/ 4-2,5-F
Jul 21, 2022
1989777 PHOENIX-1989777 Datasheet
340Kb / 9P
PCB terminal block - PTSA 0,5/ 5-2,5-F
Nov 30, 2022
1989780 PHOENIX-1989780 Datasheet
426Kb / 12P
PCB terminal block - PTSA 0,5/ 6-2,5-F
Jun 29, 2022
More results


Similar Description - 1989751

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1989793 PHOENIX-1989793 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/ 7-2,5-F
1989832 PHOENIX-1989832 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/11-2,5-F
1989845 PHOENIX-1989845 Datasheet
81Kb / 5P
PCB terminal block - PTSA 0,5/12-2,5-F
1989858 PHOENIX-1989858 Datasheet
133Kb / 8P
PCB terminal block - PTSA 0,5/13-2,5-F
1989874 PHOENIX-1989874 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/15-2,5-F
1989890 PHOENIX-1989890 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/17-2,5-F
1989926 PHOENIX-1989926 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/20-2,5-F
1989942 PHOENIX-1989942 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/22-2,5-F
1989955 PHOENIX-1989955 Datasheet
83Kb / 5P
PCB terminal block - PTSA 0,5/23-2,5-F
1989803 PHOENIX-1989803 Datasheet
413Kb / 11P
PCB terminal block - PTSA 0,5/ 8-2,5-F
Sep 8, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com