Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP1117 Datasheet (PDF) - Diodes Incorporated

AP1117 Datasheet PDF - Diodes Incorporated
Part # AP1117
Download  AP1117 Download
File Size   185.76 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR

AP1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP1117 Datasheet PDF - Diodes Incorporated

Part # AP1117
Download  AP1117 Click to download

File Size   185.76 Kbytes
Page   11 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR

AP1117 Datasheet (HTML) - Diodes Incorporated


AP1117 Product details

General Description
AP1117 is a low dropout positiveadjustable or fixed-mode regulator with 1A output current capability. The product is voltage specifically designed to provide well-regulated supply for low IC applications such as high-speed bus termination and low current 3.3V logic supply. AP1117 is also well suited for other applications such as VGA cards. AP1117 is guaranteed to have lower than 1.4V dropout at full load current making it ideal to provide well-regulated outputs of 1.25 to 5.0 with 6.4V to 18V input supply. AP1117 is available in both commercial and industrial temperature grade.

Features
•  1.4V Maximum Dropout at Full Load Current
•  Fast Transient Response
•  Output Current Limiting
•  Built-in Thermal Shutdown
•  Good Noise Rejection
•  3-Terminal Adjustable or Fixed 1.5V, 1.8V, 2.5V, 3.3V,5.0V
•  SOT223-3L, TO252-3L, SOT89-3L, TO263-3L and TO220-3L Packages
•  SOT223-3L and TO252-3L: Available in “Green” Molding Compound (No Br, Sb) 
•  Lead Free Finish/RoHS Compliant




Similar Part No. - AP1117

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1117 ANACHIP-AP1117 Datasheet
211Kb / 11P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.0 Aug 17, 2004
logo
Diodes Incorporated
AP1117 DIODES-AP1117 Datasheet
179Kb / 12P
1A LOW DROPOUT POSITIVE ADJUSTABLE
AP1117 Rev. 19
logo
Anachip Corp
AP1117-1.5 ANACHIP-AP1117-1.5 Datasheet
211Kb / 11P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.0 Aug 17, 2004
AP1117-1.8 ANACHIP-AP1117-1.8 Datasheet
211Kb / 11P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.0 Aug 17, 2004
AP1117-1.9 ANACHIP-AP1117-1.9 Datasheet
211Kb / 11P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
Rev.1.0 Aug 17, 2004
More results


Similar Description - AP1117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com