Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA0420-R47M1 Datasheet (PDF) - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

MA0420-R47M1 Datasheet PDF - GUANGDONG MISUN TECHNOLOGY CO.,LTD.
Part # MA0420-R47M1
Download  MA0420-R47M1 Download
File Size   241.35 Kbytes
Page   3 Pages
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.
Description COMPOSITE FORMING SMDINDUCTORS

MA0420-R47M1 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA0420-R47M1 Datasheet PDF - GUANGDONG MISUN TECHNOLOGY CO.,LTD.

Part # MA0420-R47M1
Download  MA0420-R47M1 Click to download

File Size   241.35 Kbytes
Page   3 Pages
Manufacturer  FPE [GUANGDONG MISUN TECHNOLOGY CO.,LTD.]
Direct Link  http://www.fpe.com.cn
Logo FPE - GUANGDONG MISUN TECHNOLOGY CO.,LTD.
Description COMPOSITE FORMING SMDINDUCTORS

MA0420-R47M1 Datasheet (HTML) - GUANGDONG MISUN TECHNOLOGY CO.,LTD.


MA0420-R47M1 Product details

Features:
Large Current and Low DCR.
Magnetically shielded construction.
High frequency range up to 3.0 MHz.
RoHS compliant* and halogen free.
Low noise.
Operating temperature range: -40℃ TO +125℃
AEC-Q200 qualified.

Applications:
Notebooks/Desktops/Server applications.
DC/DC converters.
LED drivers
Noise suppression for motors: windshield wipers
/ power seats / power mirrors / heating and
ventilation blower / HID lighting
DC/DC converters for entertainment / navigation
systems




Similar Part No. - MA0420-R47M1

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA04205 GOLLEDGE-MA04205 Datasheet
153Kb / 3P
SAW Resonator 433.92 MHz
More results


Similar Description - MA0420-R47M1

ManufacturerPart #DatasheetDescription
logo
GUANGDONG MISUN TECHNOL...
MA1030-1 FPE-MA1030-1 Datasheet
260Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA1040-1 FPE-MA1040-1 Datasheet
279Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0420 FPE-MC0420 Datasheet
274Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0518 FPE-MC0518 Datasheet
271Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0624 FPE-MC0624 Datasheet
251Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0640 FPE-MC0640 Datasheet
237Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC0650 FPE-MC0650 Datasheet
290Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1030 FPE-MC1030 Datasheet
254Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MC1050 FPE-MC1050 Datasheet
276Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
MA0630-1 FPE-MA0630-1 Datasheet
238Kb / 3P
COMPOSITE FORMING SMDINDUCTORS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com