Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P0404FC05C Datasheet (PDF) - Protek Devices

P0404FC05C Datasheet PDF - Protek Devices
Part # P0404FC05C
Download  P0404FC05C Download
File Size   80.64 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description PFLIP CHIP ARRAY

P0404FC05C Datasheet (PDF)

Go To PDF Page Download Datasheet
P0404FC05C Datasheet PDF - Protek Devices

Part # P0404FC05C
Download  P0404FC05C Click to download

File Size   80.64 Kbytes
Page   6 Pages
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices
Description PFLIP CHIP ARRAY

P0404FC05C Datasheet (HTML) - Protek Devices


P0404FC05C Product details

DesCRiPtion
The P0404FCxxC Series Flip Chips employ advanced silicon P/N junction technology for unmatched board-level transient voltage protection against Electrostatic Discharge (ESD) and Electrical Fast Transients (EFT). Developed specifically for high-density circuit protection, this series meets the IEC 61000-4-2 and 61000-4-4 requirements. These devices are ideally suited for handheld devices, PCMCIA and SMART cards.

FeatuRes
• Compatible with IEC 61000-4-2 (ESD): Air 15kV, Contact 8kV
• Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
• ESD Protection > 25 kilovolts
• Available in Voltages Ranging from 3.3V to 36V
• 250 Wats Peak Pulse Power per Line (tp = 8/20µs)
• Bidirectional Configuration & Monolithic Structure
• Protection for 1 to 3 Lines
• RoHS Compliant
• REACH Compliant

aPPliCations
• SMART Phones
• MCM Boards
• Wireless Communication Circuits
• IR LEDs
• SMART & PCMCIA Cards




Similar Part No. - P0404FC05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0404FC05C PROTEC-P0404FC05C Datasheet
117Kb / 6P
FLIP CHIP ARRAY
P0404FC05C PROTEC-P0404FC05C Datasheet
534Kb / 8P
250w flip chip tvs array
P0404FC05C PROTEC-P0404FC05C Datasheet
537Kb / 8P
250W FLIP CHIP TVS ARRAY
More results


Similar Description - P0404FC05C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0402FC3.3C PROTEC-P0402FC3.3C Datasheet
79Kb / 5P
FLIP CHIP ARRAY
P0406FC3.3C PROTEC-P0406FC3.3C Datasheet
81Kb / 6P
PFLIP CHIP ARRAY
P0408FC3.3C PROTEC-P0408FC3.3C Datasheet
86Kb / 6P
PFLIP CHIP ARRAY
logo
Bourns Electronic Solut...
CAT16-PT2F2LF BOURNS-CAT16-PT2F2LF Datasheet
282Kb / 1P
Concave Chip Array
logo
Panasonic Semiconductor
EXB-38V103JV PANASONIC-EXB-38V103JV Datasheet
109Kb / 3P
Chip Resistor Array
EXC-28BB221U PANASONIC-EXC-28BB221U Datasheet
104Kb / 4P
Chip Bead Array
EXB-2HV100JV PANASONIC-EXB-2HV100JV Datasheet
109Kb / 3P
Chip Resistor Array
EXB-S8V220J PANASONIC-EXB-S8V220J Datasheet
109Kb / 3P
Chip Resistor Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
ARRAY CHIP RESISTORS
logo
Panasonic Semiconductor
EXBV8V470JV PANASONIC-EXBV8V470JV Datasheet
117Kb / 3P
Chip Resistor Array
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com