Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HEF4750V Datasheet (PDF) - NXP Semiconductors

HEF4750V Datasheet PDF - NXP Semiconductors
Part # HEF4750V
Download  HEF4750V Download
File Size   173.3 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Frequency synthesizer

HEF4750V Datasheet (PDF)

Go To PDF Page Download Datasheet
HEF4750V Datasheet PDF - NXP Semiconductors

Part # HEF4750V
Download  HEF4750V Click to download

File Size   173.3 Kbytes
Page   17 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Frequency synthesizer

HEF4750V Datasheet (HTML) - NXP Semiconductors


HEF4750V Product details

DESCRIPTION
The HEF4750V frequency synthesizer is one of a pair of LOCMOS devices, primarily intended for use in high-performance frequency synthesizers, e.g. in all communication, instrumentation, television and broadcast applications. A combination of analogue and digital techniques results in an integrated circuit that enables high performance. The complementary device is the universal divider type HEF4751V.

Together with a standard prescaler, the two LOCMOS integrated circuits offer low-cost single loop synthesizers with full professional performance. Salient features offered (in combination with HEF4751V) are:
• Wide choice of reference frequency using a single crystal.
• High-performance phase comparator ―  low phase
   noise ―  low spurii.
• System operation to > 1 GHz.
• Typical 15 MHz input at 10 V.
• Flexible programming:
   frequency offsets
   ROM compatible
   fractional channel capability.
• Programme range 61⁄2 decades, including up to
   3 decades of prescaler control.
• Division range extension by cascading.
• Built-in phase modulator.
• Fast lock feature.
• Out-of-lock indication.
• Low power dissipation and high noise immunity.

APPLICATION INFORMATION
Some examples of applications for the HEF4750V in combination with the HEF4751V are:
• VHF/UHF mobile radios.
• HF s.s.b. transceivers.
• Airborne and marine communications and navaids.
• Broadcast transmitters.
• High quality radio and television receivers.
• High performance citizens band equipment.
• Signal generators.




Similar Part No. - HEF4750V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4750VD PHILIPS-HEF4750VD Datasheet
168Kb / 17P
Frequency synthesizer
January 1995
HEF4750VF PHILIPS-HEF4750VF Datasheet
168Kb / 17P
Frequency synthesizer
January 1995
HEF4750VLSI PHILIPS-HEF4750VLSI Datasheet
168Kb / 17P
Frequency synthesizer
January 1995
More results


Similar Description - HEF4750V

ManufacturerPart #DatasheetDescription
logo
NIHON DEMPA KOGYO
S510M804MB NDK-S510M804MB Datasheet
86Kb / 1P
Frequency Synthesizer
logo
Spectrum Microwave, Inc...
444034 SPECTRUM-444034 Datasheet
54Kb / 1P
FREQUENCY SYNTHESIZER
logo
Shoulder Electronics Li...
HDM9150 SHOULDER-HDM9150 Datasheet
188Kb / 6P
Frequency Synthesizer
logo
Mini-Circuits
DSN-1500A-1119 MINI-DSN-1500A-1119 Datasheet
842Kb / 11P
Frequency Synthesizer
SSN-3132A-119 MINI-SSN-3132A-119 Datasheet
902Kb / 13P
Frequency Synthesizer
logo
API Technologies Corp
455050 APITECH-455050 Datasheet
180Kb / 1P
FREQUENCY SYNTHESIZER
453017 APITECH-453017 Datasheet
182Kb / 1P
FREQUENCY SYNTHESIZER
453014 APITECH-453014 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
451018 APITECH-451018 Datasheet
181Kb / 1P
FREQUENCY SYNTHESIZER
442070 APITECH-442070 Datasheet
182Kb / 1P
FREQUENCY SYNTHESIZER
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com