Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2196771111 Datasheet (PDF) - Molex Electronics Ltd.

2196771111 Datasheet PDF - Molex Electronics Ltd.
Part # 2196771111
Download  2196771111 Download
File Size   107.03 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Mini SPOX 2.5 F-S 75mm 24 AWG BK Sn

2196771111 Datasheet (PDF)

Go To PDF Page Download Datasheet
2196771111 Datasheet PDF - Molex Electronics Ltd.

Part # 2196771111
Download  2196771111 Click to download

File Size   107.03 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description Mini SPOX 2.5 F-S 75mm 24 AWG BK Sn

2196771111 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2196771111

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2196771113 MOLEX-2196771113 Datasheet
29Kb / 1P
Pre-Crimped Lead Mini-SPOX Female-to-Pigtail, Tin (Sn) Plating, 225.00mm Length, 24 AWG, Black
10/24/2022
2196771115 MOLEX-2196771115 Datasheet
29Kb / 1P
Pre-Crimped Lead Mini-SPOX Female-to-Pigtail, Tin (Sn) Plating, 450.00mm Length, 24 AWG, Black
10/24/2022
More results


Similar Description - 2196771111

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2175011111 MOLEX-2175011111 Datasheet
85Kb / 1P
Micro-lock plus 2.0 F-S 75mm 24 AWG BK Sn
2021/08/30
2196771123 MOLEX-2196771123 Datasheet
106Kb / 1P
Mini SPOX 2.5 F-S 225mm 22 AWG BK Sn
2022/03/02
2153461101 MOLEX-2153461101 Datasheet
84Kb / 1P
Squba 3.6 F-S 75mm 20 AWG leads BK Sn
2021/05/31
2153461111 MOLEX-2153461111 Datasheet
84Kb / 1P
Squba 3.6 F-S 75mm 18 AWG leads BK Sn
2021/05/31
2175101121 MOLEX-2175101121 Datasheet
86Kb / 1P
LINK250 F-F 75MM 22 AWG LEADS BK Sn
2021/05/24
2196711101 MOLEX-2196711101 Datasheet
105Kb / 1P
Minifit-Sigma F-S 75mm 20 AWG BK Sn
2022/01/19
2196761121 MOLEX-2196761121 Datasheet
108Kb / 1P
Mini SPOX 2.5 F-F 75mm 22 AWG BK Sn
2022/03/02
2196771101 MOLEX-2196771101 Datasheet
107Kb / 1P
Mini SPOX 2.5 F-S 75mm 26 AWG BK Sn
2022/03/02
2196811101 MOLEX-2196811101 Datasheet
109Kb / 1P
SL F-S 75mm 28 awg lead BK Sn
2022/03/18
2196811111 MOLEX-2196811111 Datasheet
109Kb / 1P
SL F-S 75mm 26 awg lead BK Sn
2022/03/18
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com