Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2219551122 Datasheet (PDF) - Molex Electronics Ltd.

2219551122 Datasheet PDF - Molex Electronics Ltd.
Part # 2219551122
Download  2219551122 Download
File Size   107.38 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description iGrid R-R 12ckt 100mm disc Sn

2219551122 Datasheet (PDF)

Go To PDF Page Download Datasheet
2219551122 Datasheet PDF - Molex Electronics Ltd.

Part # 2219551122
Download  2219551122 Click to download

File Size   107.38 Kbytes
Page   1 Pages
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.
Description iGrid R-R 12ckt 100mm disc Sn

2219551122 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 2219551122

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2219551100 MOLEX-2219551100 Datasheet
106Kb / 1P
iGrid R-R 10ckt 100mm disc Sn
2022/12/12
2219551101 MOLEX-2219551101 Datasheet
106Kb / 1P
iGrid R-R 10ckt 100mm disc Sn
2022/12/12
2219551102 MOLEX-2219551102 Datasheet
106Kb / 1P
iGrid R-R 10ckt 100mm disc Sn
2022/12/12
2219551103 MOLEX-2219551103 Datasheet
106Kb / 1P
iGrid R-R 10ckt 100mm disc Sn
2022/12/12
2219551104 MOLEX-2219551104 Datasheet
106Kb / 1P
iGrid R-R 10ckt 100mm disc Sn
2022/12/12
More results


Similar Description - 2219551122

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
2183961041 MOLEX-2183961041 Datasheet
84Kb / 1P
PICO-SPOX 1.5 R-R 4CKT 100MM DISC Sn
2021/05/31
2196581124 MOLEX-2196581124 Datasheet
321Kb / 1P
CGRID Il R-R 12ckt 600mm disc Sn
2022/01/13
2219551101 MOLEX-2219551101 Datasheet
106Kb / 1P
iGrid R-R 10ckt 100mm disc Sn
2022/12/12
2219551141 MOLEX-2219551141 Datasheet
107Kb / 1P
iGrid R-R 14ckt 100mm disc Sn
2023/03/15
2219551161 MOLEX-2219551161 Datasheet
108Kb / 1P
iGrid R-R 16ckt 100mm disc Sn
2023/03/15
2219561101 MOLEX-2219561101 Datasheet
105Kb / 1P
iGrid R-S 10ckt 100mm disc Sn
2023/03/15
2219561121 MOLEX-2219561121 Datasheet
105Kb / 1P
iGrid R-S 12ckt 100mm disc Sn
2022/12/12
2219561141 MOLEX-2219561141 Datasheet
105Kb / 1P
iGrid R-S 14ckt 100mm disc Sn
2023/03/15
2219561161 MOLEX-2219561161 Datasheet
106Kb / 1P
iGrid R-S 16ckt 100mm disc Sn
2023/03/15
2219581021 MOLEX-2219581021 Datasheet
109Kb / 1P
Clik-Mate 2.0 R-R 2ckt 100mm disc Sn
2022/12/23
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com