Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L1127 Datasheet (PDF) - Unisonic Technologies

L1127 Datasheet PDF - Unisonic Technologies
Part # L1127_V01
Download  L1127 Download
File Size   249.44 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR

L1127 Datasheet (PDF)

Go To PDF Page Download Datasheet
L1127 Datasheet PDF - Unisonic Technologies

Part # L1127_V01
Download  L1127 Click to download

File Size   249.44 Kbytes
Page   7 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description ULTRA-LOW-NOISE,HIGH-SPEED, LOW-DROPOUT,300mA LINEAR REGULATOR

L1127 Datasheet (HTML) - Unisonic Technologies


L1127 Product details

 DESCRIPTION
As a low dropout linear regulator, the UTC L1127/A/E only needs
low input voltage (2.5~6V), and can deliver current to 300mA for
setting the output voltage.
The UTC L1127/A/E is ideal for being used in such as
battery-powered equipments notebook, personal computer and
mother board. Its typical dropout voltage is 230mV at loading current
300mA.
L1127/A/E has 1.0V, 1.2V, 1.5V, 1.8V, 2.5V, 3.0V, 3.3V, 4.2V,
4.75V, fixed voltage versions and 0.8V to 5.5V adjustable voltage
versions.
ERROR Flag (L1127E): ERROR Flag goes low when the
output voltage drops 10% below nominal value .
ADJ/SET (L1127A): Connect ADJ/SET to GND for Preset output;
Connect an external resistive voltage-divider from OUT to GND to set
the out voltage between 0.8V and 5.5V.
 FEATURES
* Operating Voltage: 2.5V~6V
* Low Voltage Dropout
* Output Current Guaranteed 300mA
* For Setting Output Voltage Two Modes
- Fixed mode : 1.0V,1.2V,1.5V,1.8V, 2.5V, 3.0V, 3.3V,
4.2V, 4.75V
- ADJ mode: Adjustable Output Voltage 0.8V~5.5V
*ERROR Flag Indicates Output Status
* Internal Current Limit Protection
* Internal Soft-Start
* Internal Thermal Protection
* Work Stably with Low ESR Ceramics Capacitor




Similar Part No. - L1127_V01

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
L1127G-XX-AF5-R UTC-L1127G-XX-AF5-R Datasheet
178Kb / 5P
ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127L-XX-AF5-R UTC-L1127L-XX-AF5-R Datasheet
178Kb / 5P
ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_15 Datasheet
183Kb / 5P
HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
More results


Similar Description - L1127_V01

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312 Datasheet
258Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Eutech Microelectronics...
EUP7967A EUTECH-EUP7967A Datasheet
202Kb / 9P
300mA Low-Noise Low-Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5312 ANPEC-APL5312_09 Datasheet
237Kb / 15P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127 Datasheet
178Kb / 5P
ULTRA-LOW-NOISE, HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
logo
Advanced Power Electron...
APE8883 A-POWER-APE8883 Datasheet
51Kb / 7P
300mA ULTRA LOW DROPOUT LINEAR REGULATOR
logo
HTC Korea TAEJIN Techno...
TJ4203GSF5-ADJ HTC-TJ4203GSF5-ADJ Datasheet
1Mb / 10P
300mA Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320 Datasheet
424Kb / 25P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Unisonic Technologies
L1127 UTC-L1127_15 Datasheet
183Kb / 5P
HIGH-SPEED, LOW-DROPOUT, 300mA LINEAR REGULATOR
L1127 UTC-L1127_18 Datasheet
192Kb / 7P
ULTRA-LOW-NOISE HIGH-SPEED, LOW-DROPOUT 300mA LINEAR REGULATOR
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com