Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UAS24V Datasheet (PDF) - Unisonic Technologies

UAS24V Datasheet PDF - Unisonic Technologies
Part # UAS24V
Download  UAS24V Download
File Size   228.94 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description WIDE OPERATING VOLTAGE RANGE REGULATOR TRANSISTOR

UAS24V Datasheet (PDF)

Go To PDF Page Download Datasheet
UAS24V Datasheet PDF - Unisonic Technologies

Part # UAS24V
Download  UAS24V Click to download

File Size   228.94 Kbytes
Page   4 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description WIDE OPERATING VOLTAGE RANGE REGULATOR TRANSISTOR

UAS24V Datasheet (HTML) - Unisonic Technologies


UAS24V Product details

DESCRIPTION
The IC is a wide operating range regulator transistor of fixed
output voltage 24V (when Vcc ≥ 25V).
Internal Res is 10kohm/20kohm.
FEATURES
* Operating voltage range: 8V ~ 80V
* Output voltage: 24V @ 25C & VCC ≥ 25V
* Output voltage: about VCC-0.8V @ 25C & VCC < 25V




Similar Part No. - UAS24V

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
UAS2D101MHD NICHICON-UAS2D101MHD Datasheet
65Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
UAS2D101MHD NICHICON-UAS2D101MHD Datasheet
568Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UAS2D101MHD6 NICHICON-UAS2D101MHD6 Datasheet
568Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UAS2D151MHD NICHICON-UAS2D151MHD Datasheet
65Kb / 1P
ALUMINUM ELECTROLYTIC CAPACITORS
UAS2D151MHD NICHICON-UAS2D151MHD Datasheet
568Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
More results


Similar Description - UAS24V

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1154N001C RICOH-R1154N001C Datasheet
846Kb / 23P
150mA Voltage Regulator (Wide Input Voltage Range)
logo
Texas Instruments
SN54HC04-DIE TI-SN54HC04-DIE Datasheet
124Kb / 5P
HEX INVERTER Wide Operating Voltage Range
logo
ON Semiconductor
NCP4641 ONSEMI-NCP4641 Datasheet
339Kb / 14P
Wide Input Range, Voltage Regulator
October, 2014 ??Rev. 1
logo
Allegro MicroSystems
ATS468 ALLEGRO-ATS468 Datasheet
847Kb / 15P
Wide operating voltage range
logo
Unisonic Technologies
UAS16V UTC-UAS16V Datasheet
85Kb / 4P
WIDE OPERATING VOLTAGE RANGE REGULATOR
logo
TXC Corporation.
AM-SERIES TXC-AM-SERIES Datasheet
956Kb / 1P
Wide operating temperature range.
logo
Ultralife Corporation.
UBBL06-01 ULTRALIFE-UBBL06-01 Datasheet
486Kb / 2P
Wide operating temperature range
Rev: C
UBBL20 ULTRALIFE-UBBL20 Datasheet
496Kb / 2P
Wide operating temperature range
Rev: G
UHR-XR26650 ULTRALIFE-UHR-XR26650 Datasheet
882Kb / 2P
Wide operating temperature range
Rev D
logo
Unisonic Technologies
UAS16V UTC-UAS16V_V01 Datasheet
138Kb / 4P
WIDE OPERATING VOLTAGE RANGE REGULATOR TRANSISTOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com