Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM7555 Datasheet (PDF) - NXP Semiconductors

ICM7555 Datasheet PDF - NXP Semiconductors
Part # ICM7555
Download  ICM7555 Download
File Size   105.73 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General purpose CMOS timer

ICM7555 Datasheet (PDF)

Go To PDF Page Download Datasheet
ICM7555 Datasheet PDF - NXP Semiconductors

Part # ICM7555
Download  ICM7555 Click to download

File Size   105.73 Kbytes
Page   9 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description General purpose CMOS timer

ICM7555 Datasheet (HTML) - NXP Semiconductors


ICM7555 Product details

DESCRIPTION
The ICM7555 is a CMOS timer providing significantly improved performance over the standard NE/SE555 timer, while at the same time being a direct replacement for those devices in most applications. Improved parameters include low supply current, wide operating supply voltage range, low THRESHOLD, TRIGGER, and RESET currents, no crowbarring of the supply current during output transitions, higher frequency performance and no requirement to decouple CONTROL VOLTAGE for stable operation.

FEATURES
• Exact equivalent in most applications for NE/SE555
• Low supply current: 80µA (typ)
• Extremely low trigger, threshold, and reset currents: 20pA (typ)
• High-speed operation: 500kHz guaranteed
• Wide operating supply voltage range guaranteed 3 to 16V over full automotive temperatures
• Normal reset function; no crowbarring of supply during output transition
• Can be used with higher-impedance timing elements than the bipolar 555 for longer time constants
• Timing from microseconds through hours
• Operates in both astable and monostable modes
• Adjustable duty cycle
• High output source/sink driver can drive TTL/CMOS
• Typical temperature stability of 0.005%/oC at 25°C
• Rail-to-rail outputs

APPLICATIONS
• Precision timing
• Pulse generation
• Sequential timing
• Time delay generation
• Pulse width modulation
• Pulse position modulation
• Missing pulse detector




Similar Part No. - ICM7555

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICM7555 MAXIM-ICM7555 Datasheet
326Kb / 8P
General Purpose timers
19-0481; Rev 2; 11/92
logo
Intersil Corporation
ICM7555 INTERSIL-ICM7555 Datasheet
218Kb / 11P
Precision Timing Pulse Generation Sequential Timing Time Delay Generation Pulse Width Modulation Missing Pulse Detector
November 2002
ICM7555 INTERSIL-ICM7555 Datasheet
4Mb / 122P
P-CHANNEL JFET
ICM7555 INTERSIL-ICM7555 Datasheet
4Mb / 162P
TIMERS COUNTERS AND DISPLAY DRIVERS
logo
NXP Semiconductors
ICM7555 NXP-ICM7555 Datasheet
130Kb / 22P
General purpose CMOS timer
Rev. 02-3 August 2009
More results


Similar Description - ICM7555

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB8555D SANYO-LB8555D Datasheet
66Kb / 3P
General-Purpose Timer
LB8555M SANYO-LB8555M Datasheet
62Kb / 3P
General-Purpose Timer?
logo
Integral Corp.
ILC555 INTEGRAL-ILC555 Datasheet
244Kb / 5P
CMOS general purpose timer
logo
KODENSHI_AUK CORP.
KKC555 KODENSHI-KKC555 Datasheet
263Kb / 5P
CMOS general purpose timer
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555 Datasheet
244Kb / 5P
CMOS general purpose timer
logo
NXP Semiconductors
ICM7555 NXP-ICM7555 Datasheet
130Kb / 22P
General purpose CMOS timer
Rev. 02-3 August 2009
logo
IK Semicon Co., Ltd
ILC555 IKSEMICON-ILC555_11 Datasheet
161Kb / 5P
CMOS general purpose timer
logo
NXP Semiconductors
ICM7555IN NXP-ICM7555IN Datasheet
130Kb / 22P
General purpose CMOS timer
Rev. 02-3 August 2009
logo
IK Semicon Co., Ltd
ILC555QDT IKSEMICON-ILC555QDT Datasheet
501Kb / 5P
CMOS general purpose timer
logo
First Silicon Co., Ltd
NE555 FS-NE555 Datasheet
363Kb / 5P
General purpose timer
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com